Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C43 Fiches technique(PDF) 4 Page - Yangzhou yangjie electronic co., ltd

No de pièce BZX55C43
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YANGJIE [Yangzhou yangjie electronic co., ltd]
Site Internet  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

BZX55C43 Fiches technique(HTML) 4 Page - Yangzhou yangjie electronic co., ltd

  BZX55C43 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd BZX55C43 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd BZX55C43 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd BZX55C43 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd BZX55C43 Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
扬州扬杰电子科技体股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
Document Number 0242
Rev. 1.0, 22-Sep-11
BZX55 SERIES
■特性曲线(典型) Characteristics(Typical)
0
200
0
Tamb(℃)
1:总功率损耗与环境温度关系
FIG1: Total Power Dissipation vs. Ambient Temperature
600
300
40
80
120
160
100
200
400
500
025
1
Vz(V)
3:工作电压在工作条件Tamb=25度下的典型变化
FIG3:Typical Change of Working Voltage under
Operating Conditions at Tamb=25℃
1000
10
100
5
10
15
20
Tj=25℃
Iz=5mA
-60
180
0.8
Tj(
)
4:工作电压 的典型变化与 结温的关系
FIG4: Typical Change of W orking Voltage vs.
Junction Temperature
1.3
60
0120
1.2
1.1
1.0
0.9
240
-4× 10-4/K
Vztn=Vzt/Vz(25
)
-4× 10-4/K
0
2×10-4/K
4×10-4/K
6×10-4/K
8×10-4/K
-4× 10-4/K
TKvz=10×10-4/K
0
20
0
L(mm)
2:热阻与引线长度关系
FIG2: Thermal Resistance vs. Lead Length
500
10
515
400
300
200
100
TL=constant
0
40
-5
Vz(V)
5: 温度系数与齐纳电压的关系
FIG 5: Tem perature C oefficient of Vz vs. Z-voltage
15
20
10
30
10
5
0
50
0
0.8
0.001
VF(V)
6:正 向电流与 正向电压 的关系
FIG 6: Forw ard C urrent vs. Forw ard Voltage
100
0.4
0.2
0.6
10
1.0
0.1
0.01
1.0
Tj=25℃


Numéro de pièce similaire - BZX55C43

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BZX55C43 VISHAY-BZX55C43 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Taiwan Semiconductor Co...
BZX55C43 TSC-BZX55C43 Datasheet
170Kb / 4P
   Hermatically Sealed Glass Zener
logo
Rectron Semiconductor
BZX55C43 RECTRON-BZX55C43 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Micro Commercial Compon...
BZX55C43 MCC-BZX55C43 Datasheet
207Kb / 4P
   500 mWatt Zener Diode 2.0V to 100 Volts
logo
Kingtronics Internation...
BZX55C43 KINGTRONICS-BZX55C43 Datasheet
470Kb / 4P
   BZX55C Silicon Planar Zener Diodes
More results

Description similaire - BZX55C43

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com