Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM1810BZWTA3 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce AM1810BZWTA3
Description  AM1810 ARM Microprocessor For PROFIBUS
Download  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM1810BZWTA3 Fiches technique(HTML) 1 Page - Texas Instruments

  AM1810BZWTA3 Datasheet HTML 1Page - Texas Instruments AM1810BZWTA3 Datasheet HTML 2Page - Texas Instruments AM1810BZWTA3 Datasheet HTML 3Page - Texas Instruments AM1810BZWTA3 Datasheet HTML 4Page - Texas Instruments AM1810BZWTA3 Datasheet HTML 5Page - Texas Instruments AM1810BZWTA3 Datasheet HTML 6Page - Texas Instruments AM1810BZWTA3 Datasheet HTML 7Page - Texas Instruments AM1810BZWTA3 Datasheet HTML 8Page - Texas Instruments AM1810BZWTA3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 259 page
background image
AM1810
www.ti.com
SPRS709B
– NOVEMBER 2010 – REVISED DECEMBER 2011
AM1810 ARM Microprocessor For PROFIBUS
Check for Samples: AM1810
1
AM1810 ARM Microprocessor
1.1
Features
12
• Highlights
• 1.8V or 3.3V LVCMOS IOs (except for USB and
DDR2 interfaces)
– 375-MHz ARM926EJ-S™ RISC Core
• Two External Memory Interfaces:
– ARM9 Memory Architecture
– EMIFA
– Programmable Real-Time Unit Subsystem
(With Profibus)
NOR (8-/16-Bit-Wide Data)
– Enhanced Direct-Memory-Access Controller
NAND (8-/16-Bit-Wide Data)
3 (EDMA3)
16-Bit SDRAM With 128 MB Address
– Two External Memory Interfaces
Space
– Three Configurable 16550 type UART
– DDR2/Mobile DDR Memory Controller
Modules (Including one (UART1 or UART2)
16-Bit DDR2 SDRAM With 512 MB
designated for PROFIBUS interface.)
Address Space or
– Two Serial Peripheral Interfaces (SPI)
16-Bit mDDR SDRAM With 256 MB
– Multimedia Card (MMC)/Secure Digital (SD)
Address Space
Card Interface with Secure Data I/O (SDIO)
• Three Configurable 16550 type UART Modules:
– Two Master/Slave Inter-Integrated Circuit
– With Modem Control Signals
– USB 2.0 OTG Port With Integrated PHY
– 16-byte FIFO
– One Multichannel Audio Serial Port
– 16x or 13x Oversampling Option
– 10/100 Mb/s Ethernet MAC (EMAC)
• LCD Controller
– Three 64-Bit General-Purpose Timers
• Two Serial Peripheral Interfaces (SPI) Each
– One 64-bit General-Purpose/Watchdog Timer
With Multiple Chip-Selects
– TwoEnhanced Pulse Width Modulators
• Two Multimedia Card (MMC)/Secure Digital (SD)
Card Interface with Secure Data I/O (SDIO)
– Three 32-Bit Enhanced Capture Modules
Interfaces
• 375MHz ARM926EJ-S™ RISC MPU
• Two Master/Slave Inter-Integrated Circuit (I2C
• ARM926EJ-S Core
Bus
™)
– 32-Bit and 16-Bit (Thumb®) Instructions
• One Host-Port Interface (HPI) With 16-Bit-Wide
– Single Cycle MAC
Muxed Address/Data Bus For High Bandwidth
– ARM® Jazelle® Technology
• Programmable Real-Time Unit Subsystem
– EmbeddedICE-RT™ for Real-Time Debug
(PRUSS) With Profibus
• ARM9 Memory Architecture
– Two Independent Programmable Realtime
– 16K-Byte Instruction Cache
Unit (PRU) Cores
– 16K-Byte Data Cache
32-Bit Load/Store RISC architecture
– 8K-Byte RAM (Vector Table)
4K Byte instruction RAM per core
– 64K-Byte ROM
512 Bytes data RAM per core
• Enhanced Direct-Memory-Access Controller 3
PRU Subsystem (PRUSS) can be disabled
(EDMA3):
via software to save power
– 2 Channel Controllers
Register 30 of each PRU is exported from
– 3 Transfer Controllers
the subsystem in addition to the normal
R31 output of the PRU cores.
– 64 Independent DMA Channels
– Standard power management mechanism
– 16 Quick DMA Channels
Clock gating
– Programmable Transfer Burst Size
Entire subsystem under a single PSC
• 128K-Byte On-Chip Memory
clock gating domain
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright
© 2010–2011, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Numéro de pièce similaire - AM1810BZWTA3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM1810BZWTA3 TI1-AM1810BZWTA3 Datasheet
1Mb / 262P
[Old version datasheet]   AM1810 ARM짰 Microprocessor For PROFIBUS
More results

Description similaire - AM1810BZWTA3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM1810 TI-AM1810_15 Datasheet
1Mb / 262P
[Old version datasheet]   AM1810 ARM짰 Microprocessor For PROFIBUS
AM1810 TI1-AM1810_16 Datasheet
1Mb / 262P
[Old version datasheet]   AM1810 ARM짰 Microprocessor For PROFIBUS
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
[Old version datasheet]   ARM Microprocessor
AM3517 TI-AM3517 Datasheet
2Mb / 184P
[Old version datasheet]   ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
AM1808_1004 TI-AM1808_1004 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1705_1007 TI-AM1705_1007 Datasheet
1Mb / 156P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1806_1005 TI-AM1806_1005 Datasheet
1Mb / 241P
[Old version datasheet]   AM1806 ARM Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com