Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF420 Fiches technique(PDF) 2 Page - Siemens Semiconductor Group

No de pièce BF420
Description  NPN Silicon Transistors With High Reverse Voltage (NPN Silicon Transistors With High Reverse Voltage)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF420 Fiches technique(HTML) 2 Page - Siemens Semiconductor Group

  BF420 Datasheet HTML 1Page - Siemens Semiconductor Group BF420 Datasheet HTML 2Page - Siemens Semiconductor Group BF420 Datasheet HTML 3Page - Siemens Semiconductor Group BF420 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
BF 420
BF 422
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
µA
Collector cutoff current
VCE = 200 V, RBE = 2.7 k , TA = 150 ˚C
ICER
––10
V
Collector-emitter breakdown voltage
IC = 1 mA
BF 422
V(BR)CE0
250
nA
Collector cutoff current
VCB = 200 V
ICB0
––10
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage
IC = 10
µA
BF 420
BF 422
V(BR)CB0
300
250
Emitter-base breakdown voltage, IE = 10
µA
V(BR)EB0
5––
V
Collector-emitter saturation voltage1)
IC = 25 mA, Tj =150 ˚C
VCEsatRF
––20
DC current gain
IC = 100
µA, VCE = 20 V
IC = 25 mA, VCE = 20 V
hFE
15
50
Emitter cutoff current, VEB = 5 V
IEB0
––10
MHz
Transition frequency
IC = 10 mA, VCE = 10 V, f = 20 MHz
fT
100
AC characteristics
pF
Output capacitance
VCB = 30 V, f = 1 MHz
Cobo
0.8
Collector-emitter breakdown voltage
IC = 10
µA, RBE = 2.7 k
BF 420
V(BR)CER
300
1)
Pulse test: t
300 µs, D 2%.


Numéro de pièce similaire - BF420

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BF420 MOTOROLA-BF420 Datasheet
114Kb / 4P
   High Voltage Transistors(NPN)
logo
SHENZHEN YONGERJIA INDU...
BF420 WINNERJOIN-BF420 Datasheet
125Kb / 1P
   TRANSISTOR (NPN)
logo
ON Semiconductor
BF420 ONSEMI-BF420 Datasheet
80Kb / 4P
   High Voltage Transistors(NPN Silicon)
REV 1
logo
Continental Device Indi...
BF420 CDIL-BF420 Datasheet
151Kb / 4P
   NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
logo
NXP Semiconductors
BF420 PHILIPS-BF420 Datasheet
62Kb / 6P
   NPN high-voltage transistors
2004 Nov 10
More results

Description similaire - BF420

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BF881 SIEMENS-BF881 Datasheet
181Kb / 4P
   NPN Silicon Transistors with High Reverse Voltage
logo
Infineon Technologies A...
BFN16 INFINEON-BFN16 Datasheet
47Kb / 5P
   NPN Silicon High-Voltage Transistors
Nov-30-2001
logo
Leshan Radio Company
MMBTA42LT1 LRC-MMBTA42LT1 Datasheet
102Kb / 3P
   High Voltage Transistors(NPN Silicon)
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1 Datasheet
99Kb / 4P
   High Voltage Transistors(NPN Silicon)
November, 2003 ??Rev. 5
logo
Leshan Radio Company
MMBT5550LT1 LRC-MMBT5550LT1 Datasheet
165Kb / 4P
   High Voltage Transistors(NPN Silicon)
logo
TRANSYS Electronics Lim...
2N3439 TEL-2N3439 Datasheet
62Kb / 2P
   NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Infineon Technologies A...
BFN24 INFINEON-BFN24_07 Datasheet
74Kb / 7P
   NPN Silicon High-Voltage Transistors
2007-04-20
BFN38 INFINEON-BFN38 Datasheet
67Kb / 6P
   NPN Silicon High-Voltage Transistors
2007-03-29
logo
Siemens Semiconductor G...
SXTA42 SIEMENS-SXTA42 Datasheet
138Kb / 4P
   NPN Silicon High Voltage Transistors
logo
ON Semiconductor
MMBT5550LT1 ONSEMI-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors(NPN Silicon)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com