Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3002 Fiches technique(PDF) 6 Page - Touchstone Semiconductor Inc

No de pièce TS3002
Description  A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOUCHSTONE [Touchstone Semiconductor Inc]
Site Internet  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3002 Fiches technique(HTML) 6 Page - Touchstone Semiconductor Inc

Back Button TS3002 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 10Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TS3002
Page 6
TS3002DS r1p0
RTFDS
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 1V, VCNTRL = VDD, VBOOST = 0V, RSET = 4.32MΩ, CSET = 7.9pF, RLOAD(FOUT) = Open Circuit, CLOAD(FOUT) = 5pF, unless otherwise noted.
Values are at TA = 25°C unless otherwise noted.
RSET - MΩ
4
8
80
0
200
Period vs RSET
0
12
120
160
40
16
20
CSET - pF
8
12
60
20
Period vs CSET
4
80
100
40
16
20
CSET - pF
8
12
60
20
Period vs CSET
4
80
100
40
16
20
0
0
FOUT and PWMOUT Transient Response
VDD = 1V, VCNTRL = 0.035 x VDD, BOOST = VDD, CLOAD = 22pF
5µs/DIV
FOUT Transient Response
VDD = 1V, BOOST = VDD, CLOAD = 47pF
5µs/DIV
FOUT Transient Response
VDD = 1.5V, BOOST = VDD, CLOAD = 47pF
5µs/DIV
BOOST = VDD
BOOST = VDD
BOOST = GND


Numéro de pièce similaire - TS3002

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
TS3002 SILABS-TS3002 Datasheet
1Mb / 13P
   Easy-to-Use Silicon Oscillator/Timer
logo
List of Unclassifed Man...
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30022 ETC2-TS30022 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
More results

Description similaire - TS3002

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS3001 TOUCHSTONE-TS3001 Datasheet
746Kb / 10P
   A 1V/1uA Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
Silicon Laboratories
TS3002 SILABS-TS3002 Datasheet
1Mb / 13P
   Easy-to-Use Silicon Oscillator/Timer
TS3001 SILABS-TS3001 Datasheet
1Mb / 11P
   Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
Semtech Corporation
SX8122 SEMTECH-SX8122 Datasheet
537Kb / 16P
   1V Motor/LED timer
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
GPES209B1 GENERALPLUS-GPES209B1 Datasheet
277Kb / 13P
   Easy-to-use SOUNDPLUS
GPES240B2 GENERALPLUS-GPES240B2 Datasheet
390Kb / 14P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com