Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCX68 Fiches technique(PDF) 1 Page - Siemens Semiconductor Group

No de pièce BCX68
Description  NPN Silicon AF Transistors (For general AF applications High collector current)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX68 Fiches technique(HTML) 1 Page - Siemens Semiconductor Group

  BCX68 Datasheet HTML 1Page - Siemens Semiconductor Group BCX68 Datasheet HTML 2Page - Siemens Semiconductor Group BCX68 Datasheet HTML 3Page - Siemens Semiconductor Group BCX68 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
NPN Silicon AF Transistors
BCX 68
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BCX 68
BCX 68-10
BCX 68-16
BCX 68-25
Q62702-C1572
Q62702-C1864
Q62702-C1865
Q62702-C1866
CB
CC
CD
SOT-89
1
2
3
B
C
E
Junction - ambient 2)
Rth JA
75
K/W
Junction - soldering point
Rth JS
20
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
20
V
Peak collector current
ICM
2
Base current
IB
100
mA
Collector current
IC
1A
Junction temperature
Tj
150
˚C
Total power dissipation, TS = 130 ˚C
Ptot
1W
Storage temperature range
Tstg
– 65 … + 150
Collector-base voltage
VCB0
25
Thermal Resistance
Emitter-base voltage
VEB0
5
Peak base current
IBM
200
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
q
For general AF applications
q
High collector current
q
High current gain
q
Low collector-emitter saturation voltage
q
Complementary type: BCX 69 (PNP)
5.91


Numéro de pièce similaire - BCX68

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
BCX68 ZETEX-BCX68 Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Infineon Technologies A...
BCX68 INFINEON-BCX68 Datasheet
45Kb / 4P
   NPN Silicon AF Transistors
Jun-29-2001
logo
Zetex Semiconductors
BCX68 ZETEX-BCX68 Datasheet
1Mb / 3P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
BCX68 KEXIN-BCX68 Datasheet
38Kb / 2P
   PNP General Purpose Transistors
logo
Infineon Technologies A...
BCX68-10 INFINEON-BCX68-10 Datasheet
45Kb / 4P
   NPN Silicon AF Transistors
Jun-29-2001
More results

Description similaire - BCX68

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
   PNP Silicon AF Transistors (For general AF applications High collector current)
BCV29 SIEMENS-BCV29 Datasheet
141Kb / 4P
   NPN Silicon Darlington Transistors (For general AF applications High collector current)
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
BCV27 SIEMENS-BCV27 Datasheet
140Kb / 4P
   NPN Silicon Darlington Transistors (For general AF applications High collector current)
BC817-16W SIEMENS-BC817-16W Datasheet
90Kb / 5P
   NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
BCW65 SIEMENS-BCW65 Datasheet
134Kb / 6P
   NPN Silicon AF Transistors (For general AF applications High current gain)
BCP29 SIEMENS-BCP29 Datasheet
153Kb / 5P
   NPN Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BCV28 SIEMENS-BCV28 Datasheet
142Kb / 4P
   PNP Silicon Darlington Transistors (For general AF applications High collector current)
BCV26 SIEMENS-BCV26 Datasheet
141Kb / 4P
   PNP Silicon Darlington Transistors (For general AF applications High collector current)
BC807-16W SIEMENS-BC807-16W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com