Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC1405D750 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce DAC1405D750
Description  Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC1405D750 Fiches technique(HTML) 5 Page - NXP Semiconductors

  DAC1405D750_11 Datasheet HTML 1Page - NXP Semiconductors DAC1405D750_11 Datasheet HTML 2Page - NXP Semiconductors DAC1405D750_11 Datasheet HTML 3Page - NXP Semiconductors DAC1405D750_11 Datasheet HTML 4Page - NXP Semiconductors DAC1405D750_11 Datasheet HTML 5Page - NXP Semiconductors DAC1405D750_11 Datasheet HTML 6Page - NXP Semiconductors DAC1405D750_11 Datasheet HTML 7Page - NXP Semiconductors DAC1405D750_11 Datasheet HTML 8Page - NXP Semiconductors DAC1405D750_11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
DAC1405D750
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 7 June 2011
5 of 42
NXP Semiconductors
DAC1405D750
Dual 14-bit DAC, up to 750 Msps; 4
 and 8 interpolating
6.2 Pin description
Table 2.
Pin description
Symbol
Pin
Type[1]
Description
VDDA(3V3)
1
P
analog supply voltage 3.3 V
AUXAP
2
O
auxiliary DAC B output current
AUXAN
3
O
complementary auxiliary DAC B output current
AGND
4
G
analog ground
VDDA(1V8)
5
P
analog supply voltage 1.8 V
VDDA(1V8)
6
P
analog supply voltage 1.8 V
AGND
7
G
analog ground
CLKP
8
I
clock input
CLKN
9
I
complementary clock input
AGND
10
G
analog ground
VDDA(1V8)
11
P
analog supply voltage 1.8 V
SYNCP
12
O
synchronous clock output
SYNCN
13
O
complementary synchronous clock output
TM1
14
I/O
test mode 1 (connected to DGND)
TM0
15
I/O
test mode 0 (connected to DGND)
VDD(IO)(3V3)
16
P
input/output buffers supply voltage 3.3 V
GNDIO
17
G
input/output buffers ground
I13
18
I
I data input bit 13 (MSB)
I12
19
I
I data input bit 12
I11
20
I
I data input bit 11
I10
21
I
I data input bit 10
I9
22
I
I data input bit 9
I8
23
I
I data input bit 8
I7
24
I
I data input bit 7
I6
25
I
I data input bit 6
VDDD(1V8)
26
P
digital supply voltage 1.8 V
DGND
27
G
digital ground
I5
28
I
I data input bit 5
I4
29
I
I data input bit 4
I3
30
I
I data input bit 3
I2
31
I
I data input bit 2
VDDD(1V8)
32
P
digital supply voltage 1.8 V
DGND
33
G
digital ground
I1
34
I
I data input bit 1
I0
35
I
I data input bit 0 (LSB)
VDDD(1V8)
36
P
digital supply voltage 1.8 V
DGND
37
G
digital ground
TM2
38
-
test mode 2 (to connect to DGND)
DGND
39
G
digital ground


Numéro de pièce similaire - DAC1405D750_11

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
DAC1405D750HW NXP-DAC1405D750HW Datasheet
324Kb / 43P
   Dual 14-bit DAC, up to 750 Msps; 4횞 and 8횞 interpolating
Rev. 01-10 March 2010
More results

Description similaire - DAC1405D750_11

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
DAC1405D750 RENESAS-DAC1405D750 Datasheet
415Kb / 41P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
DAC1005D750 RENESAS-DAC1005D750 Datasheet
418Kb / 43P
   Dual 10-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
DAC1205D750 RENESAS-DAC1205D750 Datasheet
414Kb / 41P
   Dual 12-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1405D750 NXP-DAC1405D750 Datasheet
324Kb / 43P
   Dual 14-bit DAC, up to 750 Msps; 4횞 and 8횞 interpolating
Rev. 01-10 March 2010
logo
Renesas Technology Corp
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1405D650 NXP-DAC1405D650 Datasheet
203Kb / 43P
   Dual 14-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-4 May 2009
logo
Integrated Device Techn...
DAC1405D650 IDT-DAC1405D650 Datasheet
409Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2?? 4??and 8??interpolating
logo
Renesas Technology Corp
DAC1405D650 RENESAS-DAC1405D650 Datasheet
413Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2, 4 and 8 interpolating
2 July 2012
logo
NXP Semiconductors
DAC1008D750 NXP-DAC1008D750_11 Datasheet
564Kb / 99P
   Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Rev. 2-5 January 2011
DAC1408D750 NXP-DAC1408D750 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-2 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com