Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MC74VCX162244 Datasheet(Fiches technique) 1 Page - Motorola, Inc

Numéro de pièce MC74VCX162244
Description  LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER WITH 26ohm SERIES RESISTORS
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo 

   
 1 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0
© Motorola, Inc. 1997
10/97
Advance Information
Low-Voltage 1.8/2.5/3.3V
16-Bit Buffer
With 26Ω Series Resistors
3.6V-Tolerant Inputs and Outputs
(3-State, Non-Inverting)
The MC74VCX162244 is an advanced performance, non–inverting
16–bit buffer. It is designed for very high–speed, very low–power
operation in 1.8V, 2.5V or 3.3V systems.
When operating at 2.5V (or 1.8V) the part is designed to tolerate
voltages it may encounter on either inputs or outputs when interfacing to
3.3V busses. It is guaranteed to be over–voltage tolerant to 3.6V.
The MC74VCX162244 is nibble controlled with each nibble functioning
identically, but independently. It is designed with 26
Ω series resistors in
each of the outputs to reduce noise. The control pins may be tied together
to obtain full 16–bit operation. The 3–state outputs are controlled by an
Output Enable (OEn) input for each nibble. When OEn is LOW, the
outputs are on. When OEn is HIGH, the outputs are in the high
impedance state.
Designed for Low Voltage Operation: VCC = 1.8–3.6V
3.6V Tolerant Inputs and Outputs
High Speed Operation: 3.3ns max for 3.0 to 3.6V
3.8ns max for 2.3 to 2.7V
5.7ns max for 1.8V
Static Drive:
±12mA Drive at 3.0V
±8mA Drive at 2.3V
±4mA Drive at 1.8V
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0V
Near Zero Static Supply Current in All Three Logic States (20µA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds ±300mA
ESD Performance: Human Body Model >2000V; Machine Model >200V
This document contains information on a new product. Specifications and information herein are subject to
change without notice.
MC74VCX162244
LOW–VOLTAGE 1.8/2.5/3.3V
16–BIT BUFFER
WITH 26
Ω SERIES RESISTORS
DT SUFFIX
48–LEAD PLASTIC TSSOP PACKAGE
CASE 1201–01
VCX
PIN NAMES
Function
Output Enable Inputs
Inputs
Outputs
Pins
OEn
D0–D15
O0–O15




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
74LVC162244A16-bit buffer/line driver; with 30ohm series termination resistors 5V input/output tolerant 3-State 1 2 3 4 5 MoreNXP Semiconductors
74LVT162244Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCXH162244Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162838Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ABT16224416-Bit Buffer/Line Driver with 25Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVTH162240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162838Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ABT16224016-bit inverting buffer/driver with 30ohm series termination resistors 1 2 3 4 5 MoreNXP Semiconductors
74LCX162244Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl