Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1112D125 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce ADC1112D125
Description  Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC1112D125 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button ADC1112D125 Datasheet HTML 2Page - NXP Semiconductors ADC1112D125 Datasheet HTML 3Page - NXP Semiconductors ADC1112D125 Datasheet HTML 4Page - NXP Semiconductors ADC1112D125 Datasheet HTML 5Page - NXP Semiconductors ADC1112D125 Datasheet HTML 6Page - NXP Semiconductors ADC1112D125 Datasheet HTML 7Page - NXP Semiconductors ADC1112D125 Datasheet HTML 8Page - NXP Semiconductors ADC1112D125 Datasheet HTML 9Page - NXP Semiconductors ADC1112D125 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
ADC1112D125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 3 March 2011
6 of 41
NXP Semiconductors
ADC1112D125
Dual 11-bit ADC: CMOS or LVDS DDR digital outputs
6.2.2 Pin description
[1]
Pins 1 to 24, pin 59 to 64 and pins 31, 32, 49 and 50 are the same for both CMOS and LVDS DDR outputs
(see Table 2).
[2]
P: power supply; G: ground; I: input; O: output; I/O: input/output.
Table 3.
Pin description (LVDS DDR) digital outputs) [1]
Symbol
Pin
Type [2]
Description
DB9_DB10_M
25
O
differential output data DB9 and DB10 multiplexed, complement
DB9_DB10_P
26
O
differential output data DB9 and DB10 multiplexed, true
DB7_DB8_M
27
O
differential output data DB7and DB8 multiplexed, complement
DB7_DB8_P
28
O
differential output data DB7 and DB8 multiplexed, true
DB5_DB6_M
29
O
differential output data DB5 and DB6 multiplexed, complement
DB5_DB6_P
30
O
differential output data DB5 and DB6 multiplexed, true
DB3_DB4_M
33
O
differential output data DB3 and DB4 multiplexed, complement
DB3_DB4_P
34
O
differential output data DB3 and DB4 multiplexed, true
DB1_DB2_M
35
O
differential output data DB1 and DB2 multiplexed, complement
DB1_DB2_P
36
O
differential output data DB1 and DB2 multiplexed, true
LOW_DB0_M
37
O
differential output data DB0 multiplexed, complement
LOW_DB0_P
38
O
differential output data DB0 multiplexed, true
n.c.
39
O
not connected
n.c.
40
O
not connected
DAVM
41
O
data valid output clock, complement
DAVP
42
O
data valid output clock, true
n.c.
43
O
not connected
n.c.
44
O
not connected
LOW_DA0_P
45
O
differential output data DA0 multiplexed, true
LOW_DA0_M
46
O
differential output data DA0 multiplexed, complement
DA1_DA2_P
47
O
differential output data DA1 and DA2 multiplexed, true
DA1_DA2_M
48
O
differential output data DA1 and DA2 multiplexed, complement
DA3_DA4_P
51
O
differential output data DA3 and DA4 multiplexed, true
DA3_DA4_M
52
O
differential output data DA3 and DA4 multiplexed, complement
DA5_DA6_P
53
O
differential output data DA5 and DA6 multiplexed, true
DA5_DA6_M
54
O
differential output data DA5 and DA6 multiplexed, complement
DA7_DA8_P
55
O
differential output data DA7 and DA8 multiplexed, true
DA7_DA8_M
56
O
differential output data DA7 and DA8 multiplexed, complement
DA9_DA10_P
57
O
differential output data DA9 and DA10 multiplexed, true
DA9_DA10_M
58
O
differential output data DA9 and DA10 multiplexed, complement


Numéro de pièce similaire - ADC1112D125

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
ADC1112D125 IDT-ADC1112D125 Datasheet
601Kb / 39P
   Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1112D125 RENESAS-ADC1112D125 Datasheet
604Kb / 39P
   Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1112D125HN-C1 IDT-ADC1112D125HN-C1 Datasheet
601Kb / 39P
   Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
More results

Description similaire - ADC1112D125

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ADC1112D125 RENESAS-ADC1112D125 Datasheet
604Kb / 39P
   Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1112D125 IDT-ADC1112D125 Datasheet
601Kb / 39P
   Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
ADC1115S125 IDT-ADC1115S125 Datasheet
373Kb / 36P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1115S125 NXP-ADC1115S125 Datasheet
278Kb / 35P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
logo
Renesas Technology Corp
ADC1115S125 RENESAS-ADC1115S125 Datasheet
376Kb / 36P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1610S125 NXP-ADC1610S125 Datasheet
182Kb / 33P
   Single 16-bit ADC 125 Msps CMOS or LVDS DDR digital outputs
Rev. 01-28 May 2009
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
logo
Texas Instruments
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
logo
NXP Semiconductors
ADC1410S065 NXP-ADC1410S065 Datasheet
287Kb / 35P
   Single 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com