Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS6001BIG325TP Fiches technique(PDF) 11 Page - Touchstone Semiconductor Inc

No de pièce TS6001BIG325TP
Description  A 7ppm/ oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOUCHSTONE [Touchstone Semiconductor Inc]
Site Internet  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS6001BIG325TP Fiches technique(HTML) 11 Page - Touchstone Semiconductor Inc

Back Button TS6001BIG325TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 9Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 10Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 11Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 12Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TS6001
TS6001DS r1p0
Page 11
RTFDS
Generating Positive and Negative Low-Power
Voltage References
The circuit in Figure 8 uses a CD4049 hex inverter
and a few external capacitors as the power supply to
a dual-supply precision op amp to form a ±2.5V
precision, bipolar output voltage reference around
the TS6001. The CD4049-based circuit is a discrete
charge pump voltage doubler/inverter that generates
±6V supplies for any precision, micropower op amp
with VOS and TCVOS specifications consistent with
the TS6001’s initial accuracy and output voltage drift
performance.
Figure 8: Generating Positive and Negative 2.5V References from a Single +3V or +5V
Supply.


Numéro de pièce similaire - TS6001BIG325TP

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS6001BIG325TP TOUCHSTONE-TS6001BIG325TP Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
More results

Description similaire - TS6001BIG325TP

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS6001B TOUCHSTONE-TS6001B Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
logo
Maxim Integrated Produc...
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
   Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
MAX6035 MAXIM-MAX6035_06 Datasheet
781Kb / 15P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
logo
Zarlink Semiconductor I...
SR25D ZARLINK-SR25D Datasheet
336Kb / 5P
   2.5V PRECISION VOLTAGE REFERENCE
logo
Analog Devices
REF-03 AD-REF-03 Datasheet
282Kb / 8P
   2.5V Precision Voltage Reference
REV. C
logo
Maxim Integrated Produc...
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
   Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com