Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISLA214S50 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISLA214S50
Description  14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA214S50 Fiches technique(HTML) 2 Page - Intersil Corporation

  ISLA214S50 Datasheet HTML 1Page - Intersil Corporation ISLA214S50 Datasheet HTML 2Page - Intersil Corporation ISLA214S50 Datasheet HTML 3Page - Intersil Corporation ISLA214S50 Datasheet HTML 4Page - Intersil Corporation ISLA214S50 Datasheet HTML 5Page - Intersil Corporation ISLA214S50 Datasheet HTML 6Page - Intersil Corporation ISLA214S50 Datasheet HTML 7Page - Intersil Corporation ISLA214S50 Datasheet HTML 8Page - Intersil Corporation ISLA214S50 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
ISLA214S50
2
FN7973.1
December 21, 2011
Pin Configuration
ISLA214S50
(48 LD QFN)
TOP VIEW
FIGURE 2. BLOCK DIAGRAM
I2E
AND
JESD204
TRANSMITTER
SHA
1.25V
AINP
AINN
14-BIT
250MSPS
ADC
14-BIT
250MSPS
ADC
VREF
CLKP
CLKN
SPI
CONTROL
VREF
+
VCM
CLOCK
GENERATION
LANE[2:0]P
LANE[2:0]N
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
LANE1P
LANE1N
OVSS
LANE0N
LANE0P
OVSS
LANE2P
LANE2N
VCM
AVDD
AVSS
AVSS
VINP
VINP
AVSS
DNC
AVDD
OVDD
OVSS
OVSS
OVDD
PAD – Exposed Paddle
VINN
VINN
AVSS


Numéro de pièce similaire - ISLA214S50

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISLA214S50 INTERSIL-ISLA214S50 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA214S50IR1Z RENESAS-ISLA214S50IR1Z Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
ISLA214S50IR48EV1Z RENESAS-ISLA214S50IR48EV1Z Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
More results

Description similaire - ISLA214S50

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com