Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCP55 Fiches technique(PDF) 3 Page - Siemens Semiconductor Group

No de pièce BCP55
Description  NPN Silicon AF Transistors (For AF driver and output stages High collector current)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCP55 Fiches technique(HTML) 3 Page - Siemens Semiconductor Group

  BCP55 Datasheet HTML 1Page - Siemens Semiconductor Group BCP55 Datasheet HTML 2Page - Siemens Semiconductor Group BCP55 Datasheet HTML 3Page - Siemens Semiconductor Group BCP55 Datasheet HTML 4Page - Siemens Semiconductor Group BCP55 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Semiconductor Group
3
BCP 54
... BCP 56
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
V
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0
BCP 54
BCP 55
BCP 56
V(BR)CE0
45
60
80
nA
µA
Collector-base cutoff current
VCB = 30 V, IE = 0
VCB = 30 V, IE = 0, TA = 150 ˚C
ICB0
100
20
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage1)
IC = 100
µA, IB = 0
BCP 54
BCP 55
BCP 56
V(BR)CB0
45
60
100
Emitter-base breakdown voltage
IE = 10
µA, IC = 0
V(BR)EB0
5––
V
Collector-emitter saturation voltage1)
IC = 500 mA, IB = 50 mA
VCEsat
0.5
DC current gain
IC = 5 mA, VCE = 2 V
IC = 150 mA, VCE = 2 V
BCP 54/BCP 55/BCP 56
BCP 54/BCP 55/BCP 56-10
BCP 54/BCP 55/BCP 56-16
IC = 500 mA, VCE = 2 V
hFE
25
40
63
100
25
100
160
250
160
250
Base-emitter voltage1)
IC = 500 mA, VCE = 2 V
VBE
––1
µA
Emitter-base cutoff current
VEB = 5 V
IEB0
––10
MHz
Transition frequency
IC = 50 mA, VCE = 10 V, f = 100 MHz
fT
100
AC characteristics
1)
Pulse test conditions: t
300 µs, D = 2 %.


Numéro de pièce similaire - BCP55

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BCP55 PHILIPS-BCP55 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
SHENZHEN YONGERJIA INDU...
BCP55 WINNERJOIN-BCP55 Datasheet
186Kb / 3P
   TRANSISTOR (NPN)
logo
Nexperia B.V. All right...
BCP55 NEXPERIA-BCP55 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9 - 18 October 2011
logo
STMicroelectronics
BCP55 STMICROELECTRONICS-BCP55 Datasheet
71Kb / 4P
   MEDIUM POWER AMPLIFIER
logo
Continental Device Indi...
BCP55 CDIL-BCP55 Datasheet
211Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Description similaire - BCP55

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
BDP947 SIEMENS-BDP947 Datasheet
40Kb / 4P
   NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BDP951 SIEMENS-BDP951 Datasheet
41Kb / 4P
   NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BCP70M SIEMENS-BCP70M Datasheet
29Kb / 4P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com