Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC808-25 Fiches technique(PDF) 3 Page - Siemens Semiconductor Group

No de pièce BC808-25
Description  PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC808-25 Fiches technique(HTML) 3 Page - Siemens Semiconductor Group

  BC808-25 Datasheet HTML 1Page - Siemens Semiconductor Group BC808-25 Datasheet HTML 2Page - Siemens Semiconductor Group BC808-25 Datasheet HTML 3Page - Siemens Semiconductor Group BC808-25 Datasheet HTML 4Page - Siemens Semiconductor Group BC808-25 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Semiconductor Group
3
BC 807
BC 808
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
DC current gain1)
IC = 100 mA; VCE = 1 V
BC 807-16, BC 808-16
BC 807-25, BC 808-25
BC 807-40, BC 808-40
IC = 300 mA; VCE = 1 V
BC 807-16, BC 808-16
BC 807-25, BC 808-25
BC 807-40, BC 808-40
V
Collector-emitter breakdown voltage
IC = 10 mA
BC 807
BC 808
V(BR)CE0
45
25
nA
µA
Collector cutoff current
VCB = 25 V
VCB = 25 V, TA = 150 ˚C
ICB0
100
50
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage
IC = 100
µA
BC 807
BC 808
V(BR)CB0
50
30
Emitter-base breakdown voltage, IE = 10
µA
V(BR)EB0
5––
V
Collector-emitter saturation voltage1)
IC = 500 mA; IB = 50 mA
VCEsat
0.7
hFE
100
160
250
60
100
170
160
250
350
250
400
630
Base-emitter saturation voltage1)
IC = 500 mA; IB = 50 mA
VBEsat
––2
nA
Emitter cutoff current, VEB = 4 V
IEB0
100
MHz
Transition frequency
IC = 50 mA, VCE = 5 V, f = 20 MHz
fT
200
AC characteristics
pF
Output capacitance
VCB = 10 V, f = 1 MHz
Cobo
–10
Input capacitance
VEB = 0.5 V, f = 1 MHz
Cibo
–60
1)
Pulse test: t
300 µs, D 2%.


Numéro de pièce similaire - BC808-25

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BC808-25 FAIRCHILD-BC808-25 Datasheet
72Kb / 6P
   Switching and Amplifier Applications
logo
Micro Commercial Compon...
BC808-25 MCC-BC808-25 Datasheet
317Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Infineon Technologies A...
BC808-25 INFINEON-BC808-25 Datasheet
47Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
logo
Shenzhen Luguang Electr...
BC808-25 LUGUANG-BC808-25 Datasheet
1Mb / 2P
   PNP General Purpose Amplifier
logo
Diotec Semiconductor
BC808-25 DIOTEC-BC808-25 Datasheet
175Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Description similaire - BC808-25

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BC807-16W SIEMENS-BC807-16W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
   PNP Silicon AF Transistors (For general AF applications High collector current)
BCW67BCW68 SIEMENS-BCW67BCW68 Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
BCP28 SIEMENS-BCP28 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BC817-16W SIEMENS-BC817-16W Datasheet
90Kb / 5P
   NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
BCP69 SIEMENS-BCP69 Datasheet
136Kb / 4P
   PNP Silicon AF Transistor (For general AF application High collector current High current gain)
BC636 SIEMENS-BC636 Datasheet
126Kb / 5P
   PNP Silicon AF Transistors (High current gain High collector current)
BCX68 SIEMENS-BCX68 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors (For general AF applications High collector current)
BCW65 SIEMENS-BCW65 Datasheet
134Kb / 6P
   NPN Silicon AF Transistors (For general AF applications High current gain)
BCV28 SIEMENS-BCV28 Datasheet
142Kb / 4P
   PNP Silicon Darlington Transistors (For general AF applications High collector current)
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com