Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDSG5160 Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce TDSG5160
Description  Standard 7-Segment Display 13 mm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSG5160 Fiches technique(HTML) 4 Page - Vishay Siliconix

  TDSG5160 Datasheet HTML 1Page - Vishay Siliconix TDSG5160 Datasheet HTML 2Page - Vishay Siliconix TDSG5160 Datasheet HTML 3Page - Vishay Siliconix TDSG5160 Datasheet HTML 4Page - Vishay Siliconix TDSG5160 Datasheet HTML 5Page - Vishay Siliconix TDSG5160 Datasheet HTML 6Page - Vishay Siliconix TDSG5160 Datasheet HTML 7Page - Vishay Siliconix TDSG5160 Datasheet HTML 8Page - Vishay Siliconix TDSG5160 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
For technical questions, contact: LED@Vishay.com
Document Number: 83126
4
Rev. 1.6, 10-Feb-10
TDSG5150, TDSG5160, TDSO5150, TDSO5160, TDSY5150, TDSY5160
Vishay Semiconductors Standard 7-Segment Display 13 mm
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Rel. Luminous Intensity vs. Angular Displacement
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Rel. Luminous Intensity vs. Ambient Temperature
Fig. 5 - Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
Fig. 6 - Relative Luminous Intensity vs. Forward Current
0
10
20
30
40
60
020
40
60
80
Tamb - Ambient Temperature (°C)
100
17525
50
0.4
0.2
0
95 10082
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.1
1
10
100
1000
18794
VF - Forward Voltage (V)
Orange Red
t p /T=0.001
t p =10µs
10
8
6
4
2
0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
1020 3040 5060 7080 90 100
Tamb - Ambient Temperature (°C)
18795
Orange Red
IF =10mA
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
18796
500
0.5
0.2
0.1
0.05
0.02
1
IF(mA)
tp/T
2.0
Orange Red
IFAV = 10 mA, const.
110
0.01
0.1
1
10
IF - Forward Current (mA)
100
18797
Orange Red


Numéro de pièce similaire - TDSG5160

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TDSG5160 VISHAY-TDSG5160 Datasheet
225Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. 1.5, 31-Aug-04
TDSG5160 VISHAY-TDSG5160 Datasheet
170Kb / 12P
   Standard 7-Segment Display 13 mm DESCRIPTION The
01-Jan-2022
TDSG5160 VISHAY-TDSG5160 Datasheet
158Kb / 12P
   Standard 7-Segment Display 13 mm
01-Jan-2023
TDSG5160-MN VISHAY-TDSG5160-MN Datasheet
170Kb / 12P
   Standard 7-Segment Display 13 mm DESCRIPTION The
01-Jan-2022
TDSG5160-MN VISHAY-TDSG5160-MN Datasheet
158Kb / 12P
   Standard 7-Segment Display 13 mm
01-Jan-2023
More results

Description similaire - TDSG5160

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TDSG5150 VISHAY-TDSG5150_V01 Datasheet
158Kb / 12P
   Standard 7-Segment Display 13 mm
01-Jan-2023
TDSG5150 VISHAY-TDSG5150 Datasheet
225Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. 1.5, 31-Aug-04
TDSR515 VISHAY-TDSR515_00 Datasheet
149Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. A2, 05-Oct-00
TDSG51 VISHAY-TDSG51_V01 Datasheet
170Kb / 12P
   Standard 7-Segment Display 13 mm DESCRIPTION The
01-Jan-2022
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
   Standard 7- Segment Display 7 mm
Rev. 1.4, 31-Aug-04
TDSG1150 VISHAY-TDSG1150_10 Datasheet
159Kb / 12P
   Standard 7-Segment Display 7 mm
Rev. 1.7, 30-Jun-10
TDSY1150 VISHAY-TDSY1150_V01 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2022
TDSG1150 VISHAY-TDSG1150_V02 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2023
TDSL5150 VISHAY-TDSL5150_V01 Datasheet
141Kb / 9P
   Low Current 13 mm 7-Segment Display
01-Jan-2023
TDSG3150 VISHAY-TDSG3150 Datasheet
163Kb / 12P
   Standard 7-Segment Display 10 mm
Rev. 1.6, 23-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com