Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDSG1150 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce TDSG1150
Description  Standard 7-Segment Display 7 mm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSG1150 Fiches technique(HTML) 2 Page - Vishay Siliconix

  TDSG1150_10 Datasheet HTML 1Page - Vishay Siliconix TDSG1150_10 Datasheet HTML 2Page - Vishay Siliconix TDSG1150_10 Datasheet HTML 3Page - Vishay Siliconix TDSG1150_10 Datasheet HTML 4Page - Vishay Siliconix TDSG1150_10 Datasheet HTML 5Page - Vishay Siliconix TDSG1150_10 Datasheet HTML 6Page - Vishay Siliconix TDSG1150_10 Datasheet HTML 7Page - Vishay Siliconix TDSG1150_10 Datasheet HTML 8Page - Vishay Siliconix TDSG1150_10 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
For technical questions, contact: LED@Vishay.com
Document Number: 83124
2
Rev. 1.7, 30-Jun-10
TDSG1150, TDSG1160, TDSO1150, TDSO1160, TDSY1150, TDSY1160
Vishay Semiconductors Standard 7-Segment Display 7 mm
Note
(1) IVmin. and IV groups are mean values of all segments (a to g, D1 to D4), matching factor within segments is
≥ 0.5, excluding decimal points
and colon.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
TDSO1150, TDSO1160, TDSY1150, TDSY1160, TDSG1150, TDSG1160
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage per segment or DP
VR
6V
DC forward current per segment or DP
TDSO1150
IF
17
mA
TDSO1160
17
TDSY1150
17
TDSY1160
17
TDSG1150
17
TDSG1160
17
Surge forward current per segment
or DP
tp
≤ 10 μs (non repetitive)
TDSO1150
IFSM
0.15
A
TDSO1160
0.15
TDSY1150
0.15
TDSY1160
0.15
TDSG1150
0.15
TDSG1160
0.15
Power dissipation
Tamb
≤ 45 °C
TDSO1150,
TDSO1160,
TDSY1150,
TDSY1160,
TDSG1150,
TDSG1160
PV
400
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 85
°C
Soldering temperature
t
≤ 3 s,
2 mm below seating plane
Tsd
260
°C
Thermal resistance LED
junction/ambient
RthJA
140
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TDSO1150, TDSO1160, ORANGE RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity per segment
(digit average) (1)
IF = 10 mA
TDSO1150
IV
450
3000
-
μcd
TDSO1150-K
1800
-
3600
TDSO1160
450
3000
TDSO1160-K
1800
-
3600
TDSO1160-KL
1800
-
5600
Dominant wavelength
IF = 10 mA
TDSO1150,
TDSO1160
λd
612
-
625
nm
Peak wavelength
IF = 10 mA
λp
-
630
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 50
-
deg
Forward voltage per segment or DP
IF = 20 mA
VF
-2
3
V
Reverse voltage per segment or DP
IR = 10 μA
VR
615
-
V


Numéro de pièce similaire - TDSG1150_10

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TDSG1150-LM VISHAY-TDSG1150-LM Datasheet
166Kb / 12P
   Standard 7-Segment Display 7 mms
01-Jan-2022
TDSG1150-LM VISHAY-TDSG1150-LM Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2023
TDSG1150 VISHAY-TDSG1150_V02 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2023
More results

Description similaire - TDSG1150_10

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
   Standard 7- Segment Display 7 mm
Rev. 1.4, 31-Aug-04
TDSY1150 VISHAY-TDSY1150_V01 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2022
TDSG1150 VISHAY-TDSG1150_V02 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2023
TDSG5150 VISHAY-TDSG5150_V01 Datasheet
158Kb / 12P
   Standard 7-Segment Display 13 mm
01-Jan-2023
TDSG3150 VISHAY-TDSG3150 Datasheet
163Kb / 12P
   Standard 7-Segment Display 10 mm
Rev. 1.6, 23-May-11
TDSY3150 VISHAY-TDSY3150_V01 Datasheet
129Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3150 VISHAY-TDSG3150_V02 Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
TDSG5150 VISHAY-TDSG5150 Datasheet
225Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. 1.5, 31-Aug-04
TDSR515 VISHAY-TDSR515_00 Datasheet
149Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. A2, 05-Oct-00
TDSG3150-M VISHAY-TDSG3150-M Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com