Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST110S08P0PBF Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce ST110S08P0PBF
Description  Phase Control Thyristors (Stud Version), 110 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST110S08P0PBF Fiches technique(HTML) 4 Page - Vishay Siliconix

  ST110S08P0PBF Datasheet HTML 1Page - Vishay Siliconix ST110S08P0PBF Datasheet HTML 2Page - Vishay Siliconix ST110S08P0PBF Datasheet HTML 3Page - Vishay Siliconix ST110S08P0PBF Datasheet HTML 4Page - Vishay Siliconix ST110S08P0PBF Datasheet HTML 5Page - Vishay Siliconix ST110S08P0PBF Datasheet HTML 6Page - Vishay Siliconix ST110S08P0PBF Datasheet HTML 7Page - Vishay Siliconix ST110S08P0PBF Datasheet HTML 8Page - Vishay Siliconix ST110S08P0PBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94393
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 17-Aug-10
ST110SPbF Series
Vishay Semiconductors
Phase Control Thyristors
(Stud Version), 110 A
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
R
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.035
0.025
TJ = TJ maximum
K/W
120°
0.041
0.042
90°
0.052
0.056
60°
0.076
0.079
30°
0.126
0.127
80
90
100
110
120
130
0
2040
6080
100
120
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Angle
ST110S Series
R
(DC) = 0.195 K/W
thJC
80
90
100
110
120
130
0
20
40
60
80 100 120 140 160 180
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
ST110S Series
R
(DC) = 1.95 K/W
thJC
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
0.4
K/
W
0.5
K/
W
0.6
K/W
1 K/
W
0.8
K/W
1.2
K/ W
0
20
40
60
80
100
120
140
160
020
40
60
80
100
120
180°
120°
90°
60°
30°
RMS Limit
Conduction Angle
Average On-state Current (A)
ST110S Series
T = 125°C
J


Numéro de pièce similaire - ST110S08P0PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
ST110S08P0 IRF-ST110S08P0 Datasheet
96Kb / 8P
   PHASE CONTROL THYRISTORS
ST110S08P0V IRF-ST110S08P0V Datasheet
96Kb / 8P
   PHASE CONTROL THYRISTORS
More results

Description similaire - ST110S08P0PBF

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
110RKI40 VISHAY-110RKI40 Datasheet
179Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 06-Jun-08
VS-110RKIPBF VISHAY-VS-110RKIPBF_V01 Datasheet
177Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
VS-110RKIPB VISHAY-VS-110RKIPB Datasheet
177Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
VS-110RKIPBF VISHAY-VS-110RKIPBF Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 24-Jan-18
VS-ST110SPBF VISHAY-VS-ST110SPBF_V01 Datasheet
189Kb / 9P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com