Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1000C18K1 Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce ST1000C18K1
Description  Phase Control Thyristors (Hockey PUK Version), 1473 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST1000C18K1 Fiches technique(HTML) 4 Page - Vishay Siliconix

  ST1000C18K1 Datasheet HTML 1Page - Vishay Siliconix ST1000C18K1 Datasheet HTML 2Page - Vishay Siliconix ST1000C18K1 Datasheet HTML 3Page - Vishay Siliconix ST1000C18K1 Datasheet HTML 4Page - Vishay Siliconix ST1000C18K1 Datasheet HTML 5Page - Vishay Siliconix ST1000C18K1 Datasheet HTML 6Page - Vishay Siliconix ST1000C18K1 Datasheet HTML 7Page - Vishay Siliconix ST1000C18K1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 93714
4
Revision: 02-Feb-11
ST1000C..K Series
Vishay Semiconductors
Phase Control Thyristors
(Hockey PUK Version), 1473 A
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - On-State Power Loss Characteristics
Fig. 6 - On-State Power Loss Characteristics
AverageOn-stateCurrent(A)
70
80
90
100
110
120
130
0
1 00 200 3 00 400 5 00 600 7 00
30°
60°
90°
120°
180°
Conduction Angle
ST1000C..K Series
(Single Side Cooled)
R
(DC) = 0.042 K/W
thJ-hs
AverageOn-stateCurrent(A)
70
80
90
100
110
120
130
0
2 00
400
6 00
800
1000
DC
30°
60°
90°
120°
180°
Conduction Period
ST1000C..K Series
(Single Side Cooled)
R
(DC) = 0.042 K/W
thJ-hs
Average On-state Current (A)
40
50
60
70
80
90
100
110
120
130
0
400
800
1200
1600
30˚
60˚
90˚
120˚
180˚
Conduction Angle
ST1000C..K Series
(Double Side Cooled)
R
(DC) = 0.021 K/W
thJ-hs
Average On-state Current (A)
40
50
60
70
80
90
100
110
120
130
0
400
800 1200 1600 2000 2400
DC
30˚
60˚
90˚
120˚
180˚
Conduction Period
ST1000C..K Series
(Double Side Cooled)
R
(DC) = 0.021 K/W
thJ-hs
Average On-state Current (A)
0
500
1000
1500
2000
2500
3000
0
400
800
1200
1600
RMS Limit
Conduction Angle
180˚
120˚
90˚
60˚
30˚
ST1000C..K Series
T = 125˚C
J
Average On-state Current (A)
0
500
1000
1500
2000
2500
3000
3500
4000
0
500
1000
1500
2000
2500
DC
180˚
120˚
90˚
60˚
30˚
RMS Limit
Conduction Period
ST1000C..K Series
T = 125˚C
J


Numéro de pièce similaire - ST1000C18K1

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
ST1000C12K0 IRF-ST1000C12K0 Datasheet
102Kb / 7P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST1000C12K0 VISHAY-ST1000C12K0 Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
logo
International Rectifier
ST1000C12K0L IRF-ST1000C12K0L Datasheet
102Kb / 7P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST1000C12K0L VISHAY-ST1000C12K0L Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
logo
International Rectifier
ST1000C12K1 IRF-ST1000C12K1 Datasheet
102Kb / 7P
   PHASE CONTROL THYRISTORS
More results

Description similaire - ST1000C18K1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-ST1000CK VISHAY-VS-ST1000CK Datasheet
199Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 16-Dec-13
VS-ST1000C..K VISHAY-VS-ST1000C..K Datasheet
177Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
01-Jan-2022
ST1000C12K0L VISHAY-ST1000C12K0L Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
VS-ST1000CK VISHAY-VS-ST1000CK_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com