Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD86350Q5D Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD86350Q5D
Description  Synchronous Buck NexFET??Power Block
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CSD86350Q5D Fiches technique(HTML) 7 Page - Texas Instruments

Back Button CSD86350Q5D Datasheet HTML 3Page - Texas Instruments CSD86350Q5D Datasheet HTML 4Page - Texas Instruments CSD86350Q5D Datasheet HTML 5Page - Texas Instruments CSD86350Q5D Datasheet HTML 6Page - Texas Instruments CSD86350Q5D Datasheet HTML 7Page - Texas Instruments CSD86350Q5D Datasheet HTML 8Page - Texas Instruments CSD86350Q5D Datasheet HTML 9Page - Texas Instruments CSD86350Q5D Datasheet HTML 10Page - Texas Instruments CSD86350Q5D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
VDS - Drain-to-Source Voltage - V
0
5
10
15
20
25
0.01
0.1
1
10
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G016
f = 1MHz
VGS = 0V
VDS - Drain-to-Source Voltage - V
0
5
10
15
20
25
0.01
0.1
1
10
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G017
f = 1MHz
VGS = 0V
TC - Case Temperature - °C
-75
-25
25
75
125
175
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
G018
ID = 250µA
TC - Case Temperature - °C
-75
-25
25
75
125
175
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
G019
ID = 250µA
VGS - Gate-to-Source Voltage - V
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
TC = 25°C
TC = 125°C
G020
ID = 20A
VGS - Gate-to-Source Voltage - V
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
TC = 25°C
TC = 125°C
G021
ID = 20A
CSD86350Q5D
www.ti.com
SLPS223E
– MAY 2010 – REVISED OCTOBER 2011
TYPICAL POWER BLOCK MOSFET CHARACTERISTICS (continued)
TA = 25°C, unless stated otherwise.
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 16. Control MOSFET Capacitance
Figure 17. Sync MOSFET Capacitance
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 18. Control MOSFET VGS(th)
Figure 19. Sync MOSFET VGS(th)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 20. Control MOSFET RDS(on) vs VGS
Figure 21. Sync MOSFET RDS(on) vs VGS
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7


Numéro de pièce similaire - CSD86350Q5D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD86350Q5D TI-CSD86350Q5D Datasheet
923Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD86350Q5D TI1-CSD86350Q5D Datasheet
1Mb / 24P
[Old version datasheet]   CSD86350Q5D Synchronous Buck NexFET??Power Block
CSD86350Q5DT TI1-CSD86350Q5DT Datasheet
1Mb / 24P
[Old version datasheet]   CSD86350Q5D Synchronous Buck NexFET??Power Block
CSD86350Q5D TI1-CSD86350Q5D_V01 Datasheet
1Mb / 24P
[Old version datasheet]   CSD86350Q5D Synchronous Buck NexFET??Power Block
More results

Description similaire - CSD86350Q5D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87355Q5D TI1-CSD87355Q5D Datasheet
559Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87351ZQ5D TI-CSD87351ZQ5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI-CSD87331Q3D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87335Q3D TI1-CSD87335Q3D Datasheet
625Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD86350Q5D TI-CSD86350Q5D Datasheet
923Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com