Moteur de recherche de fiches techniques de composants électroniques |
|
SMP30 Fiches technique(PDF) 3 Page - Vishay Siliconix |
|
SMP30 Fiches technique(HTML) 3 Page - Vishay Siliconix |
3 / 5 page Document Number: 88481 For technical questions within your region, please contact one of the following: www.vishay.com Revision: 19-Apr-11 DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com 58 This document is subject to change without notice. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 SMP3V3 thru SMP36A Vishay General Semiconductor New Product Notes (1) Mounted on PCB with 5.0 mm x 5.0 mm copper pad areas attached to each terminal (2) Mounted on minimum recommended pad layout RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted) Fig. 1 - Peak Pulse Power Rating Curve Fig. 2 - Pulse Derating Curve Fig. 3 - Pulse Waveform Fig. 4 - Typical Junction Capacitance THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL LIMIT UNIT Typical thermal resistance, junction to lead (1) RJL 50 °C/W Typical thermal resistance, junction to ambient (2) RJA 250 °C/W ORDERING INFORMATION (Example) PREFERRED P/N UNIT WEIGHT (g) PREFERRED PACKAGE CODE BASE QUANTITY DELIVERY MODE SMP3V3-M3/84A 0.024 84A 3000 7" diameter plastic tape and reel SMP3V3-M3/85A 0.024 85A 10 000 13" diameter plastic tape and reel SMP11A-M3/84A 0.024 84A 3000 7" diameter plastic tape and reel SMP11A-M3/85A 0.024 85A 10 000 13" diameter plastic tape and reel Non-Repetitive Pulse Waveform shown in Fig. 3 T A = 25 °C td - Pulse Width (µs) 10 0.1 0.1 100 10 000 1 1000 10 1 0.2" x 0.2" (5.0 mm x 5.0 mm) Copper Pad Areas TJ - Initial Temperature (°C) 100 0 0 150 200 25 175 50 50 75 25 125 100 75 t - Time (ms) 150 0 04.0 1.0 2.0 100 50 3.0 t d t r = 10 µs Half Value - I PPM I PP 2 10/1000 µs Waveform as defined by R.E.A. T J = 25 °C Pulse Width (t d) is defined as the Point where the Peak Current decays to 50 % of I PPM Peak Value I PPM Measured at Zero Bias Measured at Stand-Off Voltage, V WM VWM - Reverse Stand-Off Voltage (V) 10 000 10 1100 10 1000 100 T J = 25 °C f = 1.0 MHz V sig = 50 mVp-p |
Numéro de pièce similaire - SMP30 |
|
Description similaire - SMP30 |