Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD7S019_1008 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPD7S019_1008
Description  7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPD7S019_1008 Fiches technique(HTML) 1 Page - Texas Instruments

  TPD7S019_1008 Datasheet HTML 1Page - Texas Instruments TPD7S019_1008 Datasheet HTML 2Page - Texas Instruments TPD7S019_1008 Datasheet HTML 3Page - Texas Instruments TPD7S019_1008 Datasheet HTML 4Page - Texas Instruments TPD7S019_1008 Datasheet HTML 5Page - Texas Instruments TPD7S019_1008 Datasheet HTML 6Page - Texas Instruments TPD7S019_1008 Datasheet HTML 7Page - Texas Instruments TPD7S019_1008 Datasheet HTML 8Page - Texas Instruments TPD7S019_1008 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TPD7S019
www.ti.com
SLLSE33 – AUGUST 2010
7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT
WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
Check for Samples: TPD7S019
1
FEATURES
7-Channel ESD Protection Includes ESD
Bi-Directional Level Shifting N-Channel FETs
Protection, Level-Shifting, Buffering and Sync
Provided for DDC_CLK and DDC_DATA
Impedance Matching
Channels
Exceeds IEC61000-4-2 (Level 4) ESD
Flow-Through Single-In-Line Pin Mapping
Protection to Requirements on the External
Ensures no Additional Board Layout Burden
Pins
while Placing the ESD Protection Chip Near
the Connector
±15-kV Human-Body Model (HBM)
±8-kV IEC 61000-4-2 Contact Discharge
APPLICATIONS
Very Low Loading Capacitance from ESD
VGA and DVI-I Ports in:
Protection Diodes on VIDEO Lines (2.5 pF)
Desktop and Notebook PCs
5-V Drivers for HSYNC and VSYNC Lines
Graphics Cards
Integrated Impedance Matching Resistors on
Set Top Boxes
Sync Lines:
TV
TPD7S019-65: 65-
Ω Termination
TPD7S019-15: 15-
Ω Termination
TPD7S019-55: 55-
Ω Termination
RSV PACKAGE
DBQ PACKAGE
(TOP VIEW)
(TOP VIEW)
ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
µQFN – RSV
Tape and reel
TPD7S019-15RSVR
PREVIEW
TPD7S019-15DBQR
PQ19-15
–40°C to 85°C
SSOP/QSOP – DBQ
Tape and reel
TPD7S019-55DBQR
PQ19-55
TPD7S019-65DBQR
PQ19-65
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPD7S019_1008

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD7S019-15DBQR TI-TPD7S019-15DBQR Datasheet
703Kb / 12P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019-15DBQR TI1-TPD7S019-15DBQR Datasheet
1Mb / 21P
[Old version datasheet]   7-Channel Integrated ESD Solution for VGA Port
TPD7S019-15RSVR TI-TPD7S019-15RSVR Datasheet
703Kb / 12P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019-15RSVR TI1-TPD7S019-15RSVR Datasheet
1Mb / 21P
[Old version datasheet]   7-Channel Integrated ESD Solution for VGA Port
TPD7S019 TI1-TPD7S019_14 Datasheet
1Mb / 18P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
More results

Description similaire - TPD7S019_1008

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD7S019 TI-TPD7S019 Datasheet
703Kb / 12P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019 TI1-TPD7S019_14 Datasheet
1Mb / 18P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019 TI1-TPD7S019_15 Datasheet
1Mb / 21P
[Old version datasheet]   7-Channel Integrated ESD Solution for VGA Port
logo
Unisonic Technologies
VGA7S019 UTC-VGA7S019_16 Datasheet
181Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
VGA7S019 UTC-VGA7S019 Datasheet
193Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
logo
NXP Semiconductors
IP4776CZ38 PHILIPS-IP4776CZ38 Datasheet
104Kb / 13P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 02-18 September 2006
IP4776CZ38 NXP-IP4776CZ38 Datasheet
114Kb / 13P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 04-12 June 2007
IP4776CZ38 NXP-IP4776CZ38_11 Datasheet
167Kb / 15P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 6-7 January 2011
IP4770CZ16 NXP-IP4770CZ16 Datasheet
73Kb / 11P
   VGA/video interface with integrated buffers, ESD protection and integrated termination resistors
Rev. 01-25 October 2006
IP4770CZ16 PHILIPS-IP4770CZ16 Datasheet
66Kb / 11P
   VGA/video interface with integrated buffers, ESD protection and integrated termination resistors
Rev. 01-25 October 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com