Moteur de recherche de fiches techniques de composants électroniques |
|
SIC413 Fiches technique(PDF) 2 Page - Vishay Siliconix |
|
SIC413 Fiches technique(HTML) 2 Page - Vishay Siliconix |
2 / 18 page www.vishay.com 2 Document Number: 69057 S09-2250-Rev. D, 26-Oct-09 Vishay Siliconix SiC413 PIN CONFIGURATION FUNCTIONAL BLOCK DIAGRAM Figure 2. SO-8 Pin Out - Top View 1 2 3 4 8 7 6 5 FB VIN VREG GND VSW BOOT EN COMP PIN DESCRIPTION Pin Number Symbol Description 1COMP Error amplifier output. Connects to the compensation network. 2 EN Chip enable pin. Active HIGH. Connects to a power source through a 10K to100K resistor to enable. 3 BOOT Connect to 0.1 µF capacitor from VSW to BOOT to power the high side gate driver. 4VSW Inductor Connection. Connect an output filter inductor to this pin. VSW is high impedance when the IC is in shutdown mode. 5 GND GROUND pin. 6VIN Supply voltage. 7VREG Internal regulator output. An external 4.7 µF decoupling capacitor is required at this pin. 8 FB Output voltage feedback input. ORDERING INFORMATION Part Number Package SiC413CB-T1-E3 SO-8 (6.2 x 5 x 1.75 mm) SiC413DB Reference board Figure 3. Functional Block Diagram EN UVLO VIN BOOT GND Control logic and active dead time VSW Shutdown control OTP OVP FB VREG PWM GM FOSC 5.5 VREG Over current COMP VREG |
Numéro de pièce similaire - SIC413 |
|
Description similaire - SIC413 |