Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BB664 Fiches technique(PDF) 2 Page - Siemens Semiconductor Group

No de pièce BB664
Description  Silicon Variable Capacitance Diode (For VHF TV-tuners High capacitance ratio Low series inductance Low series resistance)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BB664 Fiches technique(HTML) 2 Page - Siemens Semiconductor Group

  BB664 Datasheet HTML 1Page - Siemens Semiconductor Group BB664 Datasheet HTML 2Page - Siemens Semiconductor Group BB664 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BB 664
Semiconductor Group
Jul-10-1998
2
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Reverse current
VR = 30 V
IR
-
-
10
nA
Reverse current
VR = 30 V, TA = 85 °C
IR
-
-
100
AC characteristics
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 2 V, f = 1 MHz
VR = 25 V, f = 1 MHz
VR = 28 V, f = 1 MHz
CT
39
29.4
2.5
2.4
41.8
31.85
2.7
2.55
44.5
34.2
2.85
2.75
pF
Capacitance ratio
VR = 2 V, VR = 25 V, f = 1 MHz
CT2/CT25
11
11.8
12.5
-
Capacitance ratio
VR = 1 V, VR = 28 V, f = 1 MHz
CT1/CT28 15.2
16.4
17.5
Capacitance ratio 1)
VR = 1 V, VR = 28 V, f = 1 MHz
∆C
T/CT
-
-
2
%
Series resistance
VR = 5 V, f = 470 MHz
rs
-
0.6
0.75
Series inductance
Ls
-
0.6
-
nH
1) In-line matching. For details please refer to Application Note 047
Semiconductor Group
2
1998-11-01


Numéro de pièce similaire - BB664

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BB664 INFINEON-BB664 Datasheet
433Kb / 3P
   Silicon Variable Capacitance Diodes
Jun-01-2004
BB664 INFINEON-BB664 Datasheet
87Kb / 8P
   Silicon Variable Capacitance Diodes
2007-04-20
BB664-02V INFINEON-BB664-02V Datasheet
433Kb / 3P
   Silicon Variable Capacitance Diodes
Jun-01-2004
BB664-02V INFINEON-BB664-02V Datasheet
87Kb / 8P
   Silicon Variable Capacitance Diodes
2007-04-20
More results

Description similaire - BB664

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BB659C SIEMENS-BB659C Datasheet
16Kb / 3P
   Silicon Variable Capacitance Diode (For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB644 SIEMENS-BB644 Datasheet
25Kb / 3P
   Silicon Variable Capacitance Diode (For VHF TV-tuners High capacitance ratio Low series inductance)
BB565 SIEMENS-BB565 Datasheet
18Kb / 4P
   Silicon Variable Capacitance Diode (For UHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB641 SIEMENS-BB641 Datasheet
44Kb / 3P
   Silicon Variable Capacitance Diode (For VHF Hyperband TV/TR tuners High capacitance ratio Low series resistance)
BB659 SIEMENS-BB659 Datasheet
16Kb / 3P
   Silicon Tuning Diode (For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB515 SIEMENS-BB515 Datasheet
24Kb / 2P
   Silicon Variable Capacitance Diode (For UHF and VHF TV/VTR tuners Large capacitance ratio Low series resistance)
BB535 SIEMENS-BB535 Datasheet
23Kb / 4P
   Silicon Variable Capacitance Diode (For UHF and TV/TR tuners Large capacitance ratio, low series resistance)
BB689 SIEMENS-BB689 Datasheet
13Kb / 3P
   Silicon Tuning Diode (For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series inductance Low series resistance)
BB555 SIEMENS-BB555 Datasheet
18Kb / 4P
   Silicon Tuning Diode (For UHF-TV-tuners High capacitance ratio Low series inductance)
BB545 SIEMENS-BB545 Datasheet
21Kb / 3P
   Silicon Tuning Diode (For tuning UHF and VHF TV Tuners Large capacitance ratio, low series resistance)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com