Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIA778DJ-T1-GE3 Fiches technique(PDF) 10 Page - Vishay Siliconix

No de pièce SIA778DJ-T1-GE3
Description  N-Channel 12 V and 20 V (D-S) MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA778DJ-T1-GE3 Fiches technique(HTML) 10 Page - Vishay Siliconix

Back Button SIA778DJ-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIA778DJ-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIA778DJ-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIA778DJ-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIA778DJ-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIA778DJ-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SIA778DJ-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix SIA778DJ-T1-GE3 Datasheet HTML 11Page - Vishay Siliconix SIA778DJ-T1-GE3 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.vishay.com
10
Document Number: 65669
S10-0046-Rev. A, 11-Jan-10
Vishay Siliconix
SiA778DJ
New Product
CHANNEL 2 TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
1
2
3
4
0
25
50
75
100
125
150
Package Limited
TC - Case Temperature (°C)
Power Derating
0.4
0.5
0.6
0.7
0.8
0.9
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)


Numéro de pièce similaire - SIA778DJ-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SIA777EDJ VISHAY-SIA777EDJ Datasheet
185Kb / 12P
   N- and P-Channel for Level Shift Load Switch
Rev. A, 05-Oct-09
More results

Description similaire - SIA778DJ-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7102DN VISHAY-SI7102DN_V01 Datasheet
578Kb / 14P
   N-Channel 12-V (D-S) MOSFETs
01-Jan-2022
logo
Vishay Telefunken
SI6562CDQ TFUNK-SI6562CDQ Datasheet
250Kb / 17P
   N- and P-Channel 20-V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ720DT VISHAY-SIZ720DT_V01 Datasheet
193Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBA5213 VBSEMI-VBA5213 Datasheet
611Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFETs
logo
Vishay Siliconix
TN0200T VISHAY-TN0200T Datasheet
66Kb / 4P
   N-Channel 20-V (D-S) MOSFETs
Rev. F, 23-Feb-04
SIZ710DT VISHAY-SIZ710DT Datasheet
175Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. A, 04-Oct-10
SIZ710DT VISHAY-SIZ710DT_12 Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. B, 28-Nov-11
logo
Vishay Telefunken
SIZ710DT TFUNK-SIZ710DT Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ700DT VISHAY-SIZ700DT_V01 Datasheet
213Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
08-Feb-17
SI6562CDQ VISHAY-SI6562CDQ Datasheet
247Kb / 17P
   N- and P-Channel 20-V (D-S) MOSFETs
Rev. A, 27-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com