Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIA778DJ-T1-GE3 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SIA778DJ-T1-GE3
Description  N-Channel 12 V and 20 V (D-S) MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA778DJ-T1-GE3 Fiches technique(HTML) 1 Page - Vishay Siliconix

  SIA778DJ-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SIA778DJ-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SIA778DJ-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SIA778DJ-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIA778DJ-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIA778DJ-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIA778DJ-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIA778DJ-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIA778DJ-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Vishay Siliconix
SiA778DJ
New Product
Document Number: 65669
S10-0046-Rev. A, 11-Jan-10
www.vishay.com
1
N-Channel 12 V and 20 V (D-S) MOSFETs
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFETs
New Thermally Enhanced PowerPAK®
SC-70 Package
- Small Footprint Area
- Low On-Resistance
Typical ESD Performance for Channel 2: 2800 V
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
N-Channel Level Shift Load Switch for Portable Devices
- for 0 V to 8 V Power Lines
Notes:
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. See solder profile (
www.vishay.com/ppg?73257). The PowerPAK SC-70 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under steady state conditions for channel 1 and channel 2 is 110 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A) Qg (Typ.)
Channel 1
12
0.029 at VGS = 4.5 V
4.5a
5.6 nC
0.034 at VGS = 2.5 V
4.5a
0.044 at VGS = 1.8 V
4.5a
0.065 at VGS = 1.5 V
4.5a
Channel 2
20
0.225 at VGS = - 4.5 V
1.5a
1.1 nC
0.270 at VGS = - 2.5 V
1.5a
0.345 at VGS = - 1.8 V
1.5a
0.960 at VGS = - 1.5 V
0.5a
Ordering Information: SiA778DJ-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel 1 MOSFET
G1
D1
S1
N-Channel 2 MOSFET
Marking Code
X X X
C G X
Lot Traceability
and Date Code
Part # code
S1
D1
G2
S2
G1
D2
1
6
5
4
2
3
2.05 mm
2.05 mm
PowerPAK SC-70-6 Dual
D1
D2
D2
S2
G2
200
Ω
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Channel 1
Channel 2
Unit
Drain-Source Voltage
VDS
12
20
V
Gate-Source Voltage
VGS
± 8
± 6
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
4.5a
1.5a
A
TC = 70 °C
4.5a
1.5a
TA = 25 °C
4.5a, b, c
1.5b, c
TA = 70 °C
4.5a, b, c
1.5b, c
Pulsed Drain Current
IDM
20
4
Source Drain Current Diode Current
TC = 25 °C
IS
4.5a
1.5a
TA = 25 °C
1.6b, c
1.5b, c
Maximum Power Dissipation
TC = 25 °C
PD
6.5
5
W
TC = 70 °C
53.2
TA = 25 °C
1.9b, c
1.9b, c
TA = 70 °C
1.2b, c
1.2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Channel 1
Channel 2
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambientb, f
t
≤ 5 s
RthJA
52
65
52
65
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
12.5
16
20
25


Numéro de pièce similaire - SIA778DJ-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SIA777EDJ VISHAY-SIA777EDJ Datasheet
185Kb / 12P
   N- and P-Channel for Level Shift Load Switch
Rev. A, 05-Oct-09
More results

Description similaire - SIA778DJ-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7102DN VISHAY-SI7102DN_V01 Datasheet
578Kb / 14P
   N-Channel 12-V (D-S) MOSFETs
01-Jan-2022
logo
Vishay Telefunken
SI6562CDQ TFUNK-SI6562CDQ Datasheet
250Kb / 17P
   N- and P-Channel 20-V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ720DT VISHAY-SIZ720DT_V01 Datasheet
193Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBA5213 VBSEMI-VBA5213 Datasheet
611Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFETs
logo
Vishay Siliconix
TN0200T VISHAY-TN0200T Datasheet
66Kb / 4P
   N-Channel 20-V (D-S) MOSFETs
Rev. F, 23-Feb-04
SIZ710DT VISHAY-SIZ710DT Datasheet
175Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. A, 04-Oct-10
SIZ710DT VISHAY-SIZ710DT_12 Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. B, 28-Nov-11
logo
Vishay Telefunken
SIZ710DT TFUNK-SIZ710DT Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ700DT VISHAY-SIZ700DT_V01 Datasheet
213Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
08-Feb-17
SI6562CDQ VISHAY-SI6562CDQ Datasheet
247Kb / 17P
   N- and P-Channel 20-V (D-S) MOSFETs
Rev. A, 27-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com