Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIA519EDJ-T1-GE3 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SIA519EDJ-T1-GE3
Description  N- and P-Channel 20-V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA519EDJ-T1-GE3 Fiches technique(HTML) 2 Page - Vishay Siliconix

  SIA519EDJ-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.vishay.com
2
Document Number: 65176
S09-2685-Rev. B, 14-Dec-09
Vishay Siliconix
SiA519EDJ
New Product
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
N-Ch
20
V
VGS = 0 V, ID = - 250 µA
P-Ch
- 20
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
N-Ch
23
mV/°C
ID = - 250 µA
P-Ch
- 11
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
ID = 250 µA
N-Ch
- 3.3
ID = - 250 µA
P-Ch
2.6
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
N-Ch
0.6
1.4
V
VDS = VGS, ID = - 250 µA
P-Ch
- 0.5
- 1.3
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 4.5 V
N-Ch
± 0.5
µA
P-Ch
± 0.5
VDS = 0 V, VGS = ± 12 V
N-Ch
± 90
P-Ch
± 8
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
N-Ch
1
VDS = - 20 V, VGS = 0 V
P-Ch
- 1
VDS = 20 V, VGS = 0 V, TJ = 55 °C
N-Ch
10
VDS = - 20 V, VGS = 0 V, TJ = 55 °C
P-Ch
- 10
On-State Drain Currentb
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
N-Ch
10
A
VDS ≤ - 5 V, VGS = - 4.5 V
P-Ch
- 10
Drain-Source On-State Resistanceb
RDS(on)
VGS = 4.5 V, ID = 4.2 A
N-Ch
0.032
0.040
Ω
VGS = - 4.5 V, ID = - 2.9 A
P-Ch
0.074
0.090
VGS = 2.5 V, ID = 3.3 A
N-Ch
0.053
0.065
VGS = - 2.5 V, ID = - 2.3 A
P-Ch
0.113
0.137
Forward Transconductanceb
gfs
VDS = 10 V, ID = 4.2 A
N-Ch
12
S
VDS = - 10 V, ID = - 2.9 A
P-Ch
7
Dynamica
Input Capacitance
Ciss
N-Channel
VDS = 10 V, VGS = 0 V, f = 1 MHz
P-Channel
VDS = - 10 V, VGS = 0 V, f = 1 MHz
N-Ch
350
pF
P-Ch
340
Output Capacitance
Coss
N-Ch
82
P-Ch
105
Reverse Transfer Capacitance
Crss
N-Ch
50
P-Ch
95
Total Gate Charge
Qg
VDS = 10 V, VGS = 10 V, ID = 5.5 A
N-Ch
7.7
12
nC
VDS = - 10 V, VGS = - 10 V, ID = - 3.7 A
P-Ch
10.5
16
N-Channel
VDS = 10 V, VGS = 4.5 V, ID = 5.5 A
P-Channel
VDS = - 10 V, VGS = - 4.5 V, ID = - 3.7 A
N-Ch
3.7
6
P-Ch
5.3
8
Gate-Source Charge
Qgs
N-Ch
0.85
P-Ch
0.75
Gate-Drain Charge
Qgd
N-Ch
0.95
P-Ch
2
Gate Resistance
Rg
f = 1 MHz
N-Ch
0.7
3.5
7
Ω
P-Ch
0.2
10
20


Numéro de pièce similaire - SIA519EDJ-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SIA519EDJ VISHAY-SIA519EDJ Datasheet
320Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
SIA519EDJ VISHAY-SIA519EDJ_V01 Datasheet
320Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SIA519EDJ-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com