Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIA519EDJ-T1-GE3 Fiches technique(PDF) 11 Page - Vishay Siliconix

No de pièce SIA519EDJ-T1-GE3
Description  N- and P-Channel 20-V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA519EDJ-T1-GE3 Fiches technique(HTML) 11 Page - Vishay Siliconix

Back Button SIA519EDJ-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 11Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 12Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 13Page - Vishay Siliconix SIA519EDJ-T1-GE3 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Document Number: 65176
S09-2685-Rev. B, 14-Dec-09
www.vishay.com
11
Vishay Siliconix
SiA519EDJ
New Product
P-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?65176.
Normalized Thermal Transient Impedance, Junction-to-Ambient
1
0.1
0.01
10-3
10-2
1
10
1000
10-1
10-4
100
Square Wave Pulse Duration (s)
Single Pulse
0.02
0.05
0.1
0.2
Duty Cycle = 0.5
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 110 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Case
10-3
10-2
10-1
10-4
1
0.01
Square Wave Pulse Duration (s)
Duty Cycle = 0.5
0.2
0.1
Single Pulse
0.02
0.05


Numéro de pièce similaire - SIA519EDJ-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SIA519EDJ VISHAY-SIA519EDJ Datasheet
320Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
SIA519EDJ VISHAY-SIA519EDJ_V01 Datasheet
320Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SIA519EDJ-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com