Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIA433EDJ-T1-GE3 Fiches technique(PDF) 6 Page - Vishay Siliconix

No de pièce SIA433EDJ-T1-GE3
Description  P-Channel 20-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA433EDJ-T1-GE3 Fiches technique(HTML) 6 Page - Vishay Siliconix

  SIA433EDJ-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SIA433EDJ-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SIA433EDJ-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SIA433EDJ-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIA433EDJ-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIA433EDJ-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIA433EDJ-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIA433EDJ-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIA433EDJ-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number: 65472
S09-2114-Rev. A, 12-Oct-09
Vishay Siliconix
SiA433EDJ
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?65472.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
1000
10-1
10-4
100
0.2
0.1
0.05
0.02
Square Wave Pulse Duration (s)
1
0.1
0.01
Single Pulse
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 80 C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Case
10-3
10-2
10-4
1
0.1
0.2
0.1
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
0.02
Single Pulse
0.05
10-1


Numéro de pièce similaire - SIA433EDJ-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
SIA433EDJ-T1-GE3 VBSEMI-SIA433EDJ-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SIA433EDJ-T1-GE3 VISHAY-SIA433EDJ-T1-GE3 Datasheet
258Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SIA433EDJ-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com