Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI9407BDY Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI9407BDY
Description  P-Channel 60-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9407BDY Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI9407BDY Datasheet HTML 1Page - Vishay Siliconix SI9407BDY Datasheet HTML 2Page - Vishay Siliconix SI9407BDY Datasheet HTML 3Page - Vishay Siliconix SI9407BDY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate
data sheet of the same number for guaranteed specification limits.
1
www.vishay.com
Vishay Siliconix
SPICE Device Model Si9407BDY
Document Number: 64135
S-82080-Rev. A, 08-Sep-08
P-Channel 60-V (D-S) MOSFET
CHARACTERISTICS
• P-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
• Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the - 55 °C to 125 °C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse Recovery
Characteristics
DESCRIPTION
The
attached
spice
model
describes
the
typical
electrical
characteristics of the P-channel vertical DMOS.
The subcircuit
model is extracted and optimized over the - 55 °C to 125
°C
temperature ranges under the pulsed 0 V to 10 V gate drive. The
saturated output impedance is best fit at the gate bias near the
threshold voltage.
A novel gate-to-drain feedback capacitance network is used to model
the gate charge characteristics while avoiding convergence difficulties
of the switched Cgd model. All model parameter values are optimized
to provide a best fit to the measured electrical data and are not
intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC


Numéro de pièce similaire - SI9407BDY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
Si9407BDY VISHAY-Si9407BDY Datasheet
190Kb / 9P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
SHENZHEN DOINGTER SEMIC...
SI9407BDY DOINGTER-SI9407BDY Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
logo
Vishay Siliconix
SI9407BDY VISHAY-SI9407BDY Datasheet
217Kb / 9P
   P-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
TECH PUBLIC Electronics...
SI9407BDY TECHPUBLIC-SI9407BDY Datasheet
2Mb / 5P
   P-Channel Enhancement Mode MOSFET
logo
Vishay Siliconix
SI9407BDY-T1-E3 VISHAY-SI9407BDY-T1-E3 Datasheet
218Kb / 9P
   P-Channel 60 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI9407BDY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com