Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI9175DB Fiches technique(PDF) 11 Page - Vishay Siliconix

No de pièce SI9175DB
Description  High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9175DB Fiches technique(HTML) 11 Page - Vishay Siliconix

Back Button SI9175DB Datasheet HTML 7Page - Vishay Siliconix SI9175DB Datasheet HTML 8Page - Vishay Siliconix SI9175DB Datasheet HTML 9Page - Vishay Siliconix SI9175DB Datasheet HTML 10Page - Vishay Siliconix SI9175DB Datasheet HTML 11Page - Vishay Siliconix SI9175DB Datasheet HTML 12Page - Vishay Siliconix SI9175DB Datasheet HTML 13Page - Vishay Siliconix SI9175DB Datasheet HTML 14Page - Vishay Siliconix SI9175DB Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Si9175
Vishay Siliconix
Document Number: 71728
S-41148—Rev. C, 14-Jun-04
www.vishay.com
11
TYPICAL START-UP AND SHUTDOWN TRANSIENT WAVEFORMS (VIN = 3.6 V, VOUT = 1.9 V)
20 mS/div
VSD, 1 V/div
VOUT, 500 mV/div
Start-Up, RLOAD = 4 W
20 mS/div
VIN, VSD, 1 V/div
Start-Up, VIN = VSD = 3.6 V, RLOAD = 4 W
200 mS/div
VSD, 1 V/div
Shutdown, RLOAD = 4 W
20 mS/div
VSD 1 V/div
Enable Switching, RLOAD = 4 W
VOUT, 500 mV/div
VOUT, 500 mV/div
VOUT, 500 mV/div
TYPICAL MODE SWITCH TRANSIENT WAVEFORM
VOUT
(AC-Coupled)
200 mV/div
Output Transient At Mode Switch, ILOAD = 30 mA
100 mS/div
Mode Pin
1 V/div


Numéro de pièce similaire - SI9175DB

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9175DB VISHAY-SI9175DB Datasheet
334Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
More results

Description similaire - SI9175DB

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9175 VISHAY-SI9175 Datasheet
334Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SIP12101 VISHAY-SIP12101 Datasheet
220Kb / 13P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. B, 03-Aug-09
SI9176 VISHAY-SI9176 Datasheet
328Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SI9176 VISHAY-SI9176_04 Datasheet
288Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
SI9174 VISHAY-SI9174 Datasheet
296Kb / 17P
   High Performance Step-Down DC-DC Converter With Dynamically Adjustable Output Voltage
Rev. C, 14-jun-04
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com