Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI9243A Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce SI9243A
Description  Single-Ended Bus Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9243A Fiches technique(HTML) 4 Page - Vishay Siliconix

  SI9243A_11 Datasheet HTML 1Page - Vishay Siliconix SI9243A_11 Datasheet HTML 2Page - Vishay Siliconix SI9243A_11 Datasheet HTML 3Page - Vishay Siliconix SI9243A_11 Datasheet HTML 4Page - Vishay Siliconix SI9243A_11 Datasheet HTML 5Page - Vishay Siliconix SI9243A_11 Datasheet HTML 6Page - Vishay Siliconix SI9243A_11 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number: 70788
S11-0975-Rev. F, 16-May-11
Vishay Siliconix
Si9243A
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PIN CONFIGURATION
FUNCTIONAL DESCRIPTION
The Si9243AEY can be either in transmit or receive mode
and it contains over temperature, and short circuit VBAT fault
detection circuits.
The voltage on the K and L pins are internally compared to
VBAT/2. If the voltage on the K or L pin is less than VBAT/2 then
RXK or RXL output will be "low". If the voltage on the K or L
pin is greater than VBAT/2 then RXK or RXL output will be
"high".
In order to be in transmit mode, TX must be set "low". The TX
signal is then internally inverted and turns the MOSFET on,
causing the K pin to be "low". In transmit mode, the
processor monitors the RXK and TX. When the two mirror
each other there is no fault. In the event of over temperature,
or short circuit to VBAT, the Si9243AEY will turn off the K
output to protect the IC. The K pin will stay in high impedance
and RXK will follow the K pin. The fault will be reset when TX
is toggled high. RXK, RXL and TX pins have internal pull up
resistor to VDD while K and L pins have internal pull down
resistors. When any one of the TX, VBAT or GND pins is open
the K output is off.
When the TX pin is set "high" the Si9243AEY is in receive
mode and the internal MOSFET is turned off. RXL and RXK
outputs will follow L and K inputs respectively.
1
2
3
4
5
6
7
8
Top View
Narrow Body
RXL
RXK
TX
VBAT
K
GND
SO Package
VDD
L
ORDERING INFORMATION
Part Number
Temperature Range
Si9243AEY-T1
- 40 to 125 °C
Si9243AEY-T1-E3 (Lead (Pb)-free)
PIN DESCRIPTION
Pin Number
Symbol
Description
1
RXK
K Receiver, Output
2
RXL
L Receiver, Output
3
VDD
Positive Power Supply
4
TX
Transmit, Input
5
GND
Ground Connection
6
K
K Transmit/Receive, Bidirectional
7
VBAT
Battery Power Supply
8
L
L Transmit, Input


Numéro de pièce similaire - SI9243A_11

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9243AEY VISHAY-SI9243AEY Datasheet
51Kb / 5P
   Single-Ended Bus Transceiver
Rev. D, 22-Jan-01
Si9243AEY-T1 VISHAY-Si9243AEY-T1 Datasheet
161Kb / 7P
   Single-Ended Bus Transceiver
Rev. F, 16-May-11
Si9243AEY-T1-E3 VISHAY-Si9243AEY-T1-E3 Datasheet
161Kb / 7P
   Single-Ended Bus Transceiver
Rev. F, 16-May-11
More results

Description similaire - SI9243A_11

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9241EY VISHAY-SI9241EY Datasheet
37Kb / 4P
   Single-Ended Bus Transceiver
2002
SI9243A VISHAY-SI9243A Datasheet
51Kb / 5P
   Single-Ended Bus Transceiver
Rev. D, 22-Jan-01
SI9241A VISHAY-SI9241A_V01 Datasheet
133Kb / 7P
   Single-Ended Bus Transceiver
01-Jan-2022
SI9243 VISHAY-SI9243_V01 Datasheet
159Kb / 7P
   Single-Ended Bus Transceiver
01-Jan-2022
logo
TEMIC Semiconductors
SI9243EY TEMIC-SI9243EY Datasheet
64Kb / 4P
   Single-Ended Bus Transceiver
logo
Vishay Siliconix
SI9241 VISHAY-SI9241 Datasheet
135Kb / 7P
   Single-Ended Bus Transceiver
Rev. F, 16-May-11
SI9243 VISHAY-SI9243 Datasheet
161Kb / 7P
   Single-Ended Bus Transceiver
Rev. F, 16-May-11
SI9241AEY VISHAY-SI9241AEY_01 Datasheet
44Kb / 5P
   Single-Ended Bus Transceiver
Rev. D, 22-Jan-01
SI9241A VISHAY-SI9241A Datasheet
147Kb / 7P
   Single-Ended Bus Transceiver
Rev. F, 16-May-11
logo
ATMEL Corporation
U6812B ATMEL-U6812B Datasheet
119Kb / 10P
   Single-ended Bus Transceiver with Triple Buffer
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com