Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI9174DM-T1-E3 Fiches technique(PDF) 8 Page - Vishay Siliconix

No de pièce SI9174DM-T1-E3
Description  High Performance Step-Down DC-DC Converter With Dynamically Adjustable Output Voltage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9174DM-T1-E3 Fiches technique(HTML) 8 Page - Vishay Siliconix

Back Button SI9174DM-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI9174DM-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI9174DM-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI9174DM-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI9174DM-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI9174DM-T1-E3 Datasheet HTML 9Page - Vishay Siliconix SI9174DM-T1-E3 Datasheet HTML 10Page - Vishay Siliconix SI9174DM-T1-E3 Datasheet HTML 11Page - Vishay Siliconix SI9174DM-T1-E3 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Si9174
Vishay Siliconix
www.vishay.com
8
Document Number: 71668
S-41148—Rev. C, 14-jun-04
TYPICAL CHARACTERISTICS
0
40
80
120
160
200
0
100
200
300
400
500
600
75
80
85
90
95
100
0
100
200
300
400
500
600
Load Current (mA)
Auto Mode Efficiency vs. Load
Load Decreasing
Load Increasing
75
80
85
90
95
100
0
100
200
300
400
500
600
Load Current (mA)
PSM
PSM vs. PWM Efficiency
0
20
40
60
80
100
0
30
60
90
120
150
Load Current (mA)
VIN = 3.6 V
VOUT = 1.9 V
COUT = 4.7 mF
70
75
80
85
90
95
100
0
100
200
300
400
500
600
Load Current (mA)
VIN = 3.6 V
VOUT = 3.0 V
VOUT = 1.9 V
Load Current (mA)
Auto Mode Efficiency vs. Load Direction
Dropout Voltage vs. ILOAD
VOUT Ripple
PWM
PSM
PWM
VIN = 3.6 V
VIN = 5.5 V
VIN = 2.6 V


Numéro de pièce similaire - SI9174DM-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9172 VISHAY-SI9172 Datasheet
70Kb / 7P
   PC Card (PCMCIA) Interface Switch- 12-V Suspend Capability
Rev. F, 19-Apr-04
SI9175 VISHAY-SI9175 Datasheet
334Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SI9175 VISHAY-SI9175 Datasheet
289Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
SI9175DB VISHAY-SI9175DB Datasheet
334Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SI9175DB VISHAY-SI9175DB Datasheet
289Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
More results

Description similaire - SI9174DM-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9175 VISHAY-SI9175 Datasheet
334Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SIP12101 VISHAY-SIP12101 Datasheet
220Kb / 13P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. B, 03-Aug-09
SI9176 VISHAY-SI9176 Datasheet
328Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SI9175 VISHAY-SI9175_04 Datasheet
289Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
SI9176 VISHAY-SI9176_04 Datasheet
288Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com