Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI9169BQ-T1-E3 Fiches technique(PDF) 6 Page - Vishay Siliconix

No de pièce SI9169BQ-T1-E3
Description  High Frequency 1-A Synchronous Buck/Boost Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9169BQ-T1-E3 Fiches technique(HTML) 6 Page - Vishay Siliconix

Back Button SI9169BQ-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI9169BQ-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI9169BQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI9169BQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI9169BQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI9169BQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI9169BQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI9169BQ-T1-E3 Datasheet HTML 9Page - Vishay Siliconix SI9169BQ-T1-E3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number: 70945
S-72058-Rev. E, 08-Oct-07
Vishay Siliconix
Si9169
FUNCTIONAL BLOCK DIAGRAM
DETAIL OPERATIONAL DESCRIPTION
Start-Up
The UVLO circuit prevents the internal MOSFET switches
and oscillator circuit from turning on, if the voltage on VDD pin
is less than 2.5 V. With typical UVLO hysteresis of 0.1 V,
controller is continuously powered on until the VDD voltage
drops below 2.4 V. This hysteresis prevents the converter
from oscillating during the start-up phase and unintentionally
locking up the system. Once the VDD voltage exceeds the
UVLO threshold, and with no other shutdown condition
detected, an internal Power-On-Reset timer is activated
while most circuitry, except the output driver, are turned on.
After the POR timeout of about 1 ms, the internal soft-start
capacitor is allowed to charge. When the soft-start capacitor
voltage reaches 0.5 V, the PWM circuit is enabled.
Thereafter, the constant current charging the soft-start
capacitor will force the output voltage to rise gradually
without overshooting.
To prevent negative undershoot, the
synchronous switch is tri-stated until the duty cycle reaches
about 10 %. In tri-state, the high-side P-Channel MOSFET is
turned off by pulling up the gate voltage to VS potential. The
low-side N-Channel MOSFET is turned off by pulling down
the gate voltage to PGND potential. Note that the Si9169 will
always soft starts in the PWM mode regardless of the voltage
level on the PWM/PSM pin.
Shutdown
The Si9169 is designed to conserve as much battery life as
possible by decreasing current consumption of IC during
normal operation as well as the shutdown mode. With logic
low level on the SD pin, current consumption of the Si9169 is
decreased to less than 1 µA by shutting off most of the
circuits. The logic high enables the controller and starts up as
described in "Start-Up" section above.
Reference
Threshold
Generator
Oscillator
PSM
Modulator
PWM
Modulator
Soft-Start
Timer
UVLO
POR
Bias
Generator
OTP
Drivers
PWM/PSM
Select
VDD
SD
VS
VIN/OUT
GND
PGND
Positive
Supply
COIL
Negative
Return and
Substrate
P
N
PWMEN
PSMEN
PWMIN
PSMIN
0.5 V
1.0 V
Ramp
COSC
VREF
VO
FB
COMP
SYNC
ROSC
PWM/PSM
MODE


Numéro de pièce similaire - SI9169BQ-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9169BQ-T1-E3 VISHAY-SI9169BQ-T1-E3 Datasheet
76Kb / 8P
   High Frequency 1-A Synchronous Buck/Boost Converter
Rev. D, 19-Apr-04
More results

Description similaire - SI9169BQ-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9169 VISHAY-SI9169 Datasheet
76Kb / 8P
   High Frequency 1-A Synchronous Buck/Boost Converter
Rev. D, 19-Apr-04
SI9169 VISHAY-SI9169_V01 Datasheet
173Kb / 10P
   High Frequency 1-A Synchronous Buck/Boost Converter
01-Jan-2022
SI9165 VISHAY-SI9165 Datasheet
74Kb / 8P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. C, 19-Apr-04
SI9165 VISHAY-SI9165_07 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
logo
Diodes Incorporated
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
logo
Texas Instruments
LM3646 TI1-LM3646_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5-A Synchronous Boost Converter
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com