Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI9130LG-T1-E3 Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce SI9130LG-T1-E3
Description  Pin-Programmable Dual Controller - Portable PCs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9130LG-T1-E3 Fiches technique(HTML) 5 Page - Vishay Siliconix

  SI9130LG-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI9130LG-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI9130LG-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI9130LG-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI9130LG-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI9130LG-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI9130LG-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI9130LG-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI9130LG-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Document Number: 70190
S11-0975-Rev. G, 16-May-11
www.vishay.com
5
Vishay Siliconix
Si9130
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C unless noted)
Shutdown Supply Current vs. Supply Voltage
0
25
50
75
100
0
6
12
18
24
30
SHDN = 0 V
Supply Voltage (V)
Minimum VIN to VOUT Differential
vs. 5 V Output Current
0.0
0.2
0.4
0.6
0.8
1.0
0.001
0.1
1
10
0.01
5 V Output Current (A)
300 kHz
5 V Output
Still Regulating
200 kHz
Switching Frequency vs. Load Current
0.1
1.0
10.0
100.0
1000.0
0.1
10
100
1000
1
Load Current (mA)
SYNC = REF (300 kHz)
ON3 = ON5 = 5 V
5 V, VIN = 7.5 V
5 V, VIN = 30 V
3.3 V, VIN = 7.5 V
Pulse-Skipping Waveforms
200 µS/div
ILoad = 100 mA
VIN = 10 V
5 V Output
50 mV/div
2 V/div
Pulse-Width Modulation Mode Waveforms
500 ns/div
5 V Output Current = 1 A
VIN = 16 V
5 V Output
50 mV/div
LX 10 V/div


Numéro de pièce similaire - SI9130LG-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9130LG-T1 VISHAY-SI9130LG-T1 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
More results

Description similaire - SI9130LG-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9130 VISHAY-SI9130 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
logo
Microchip Technology
PIC14000 MICROCHIP-PIC14000 Datasheet
774Kb / 153P
   28-Pin Programmable Mixed Signal Controller
1996 - 2002
PIC14000-04 MICROCHIP-PIC14000-04 Datasheet
638Kb / 153P
   28-Pin Programmable Mixed Signal Controller
03/01/02
logo
Samtec, Inc
SC1474TSTRT SAMTEC-SC1474TSTRT Datasheet
128Kb / 1P
   Portable Pentium짰 Dual Phase Power Supply Controller
logo
Semtech Corporation
SC1474 SEMTECH-SC1474 Datasheet
121Kb / 1P
   Portable Pentium Dual Phase Power Supply Controller
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677 Datasheet
162Kb / 17P
   Portable System Controller
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
   Portable System Controller
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com