Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI9130CG-T1-E3 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce SI9130CG-T1-E3
Description  Pin-Programmable Dual Controller - Portable PCs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9130CG-T1-E3 Fiches technique(HTML) 3 Page - Vishay Siliconix

  SI9130CG-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI9130CG-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI9130CG-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI9130CG-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI9130CG-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI9130CG-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI9130CG-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI9130CG-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI9130CG-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Document Number: 70190
S11-0975-Rev. G, 16-May-11
www.vishay.com
3
Vishay Siliconix
Si9130
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c. The main switching outputs track the reference voltage. Loading the reference reduces the main outputs slightly according to the closed-loop
gain (AVCL) and the reference voltage load-regulation error. AVCL for the 3.3 V supply is unity gain. AVCL for the 5 V supply is 1.54.
d. Since the reference uses VL as its supply, its V+ line regulation error is insignificant.
SPECIFICATIONS
Parameter
Specific Test Conditions
V+ = 15 V, IVL = IREF = 0 mA, SHDN = ON3 = ON5 = 5 V
Other Digital Input Levels 0 V or 5 V, TA = TMIN to TMAX
Limits
Unit
Min.a
Typ.b
Max.a
Internal Regulator and Reference
VL/FB5 Switchover Voltage
Rising Edge of FB5, Hysteresis = 1 %
4.2
4.7
V
REF Output Voltage
No External Loadc
3.24
3.36
REF Fault Lockout Voltage
Falling Edge
2.4
3.2
REF Load Regulation
0 mA < IL < 5 mA
d
30
75
mV
V+ Shutdown Current
SHDN = ON3 = ON5 = 0 V, V+ = 30 V
25
40
µA
V+ Standby Current
ON3 = ON5 = 0 V, V+ = 30 V
70
110
Quiescent Power Consumption
(both PWM controllers on)
FB5 = CS5 = 5.25 V
FB3 = CS3 = 3.5 V
5.5
8.6
mV
V+ Off Current
FB5 = CS5 = 5.25 V, VL Switched Over to FB5
30
60
µA
Oscillator and Inputs/Outputs
Oscillator Frequency
SYNC = 3.3 V
270
300
330
kHz
SYNC = 0 V, 5 V
170
200
230
SYNC High Pulse Width
200
ns
SYNC Low Pulse Width
200
SYNC Rise/Fall Time
Not Tested
200
Oscillator SYNC Range
240
350
kHz
Maximum Duty Cycle
SYNC = 3.3 V
89
92
%
SYNC = 0 V, 5 V
92
95
Input Low Voltage
SHDN, ON3, ON5 SYNC
0.8
V
Input High Voltage
SHDN, ON3, ON5
2.4
SYNC
VL - 0.5
Input Current
SHDN, ON3, ON5, VIN = 0 V, 5 V
± 1
µA
DL3/DL5 Sink/Source Current
VOUT = 2 V
1
A
DH3/DH5 Sink/Source Current
BST3 - LX3 = BST5 - LX5 = 4.5 V, VOUT = 2 V
1
DL3/DL5 On-Resistance
High or Low
7
DH3/DH5 On-Resistance
High or Low
BST3 - LX3 = BST5 - LX5 = 4.5 V
7


Numéro de pièce similaire - SI9130CG-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9130CG-T1 VISHAY-SI9130CG-T1 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
More results

Description similaire - SI9130CG-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9130 VISHAY-SI9130 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
logo
Microchip Technology
PIC14000 MICROCHIP-PIC14000 Datasheet
774Kb / 153P
   28-Pin Programmable Mixed Signal Controller
1996 - 2002
PIC14000-04 MICROCHIP-PIC14000-04 Datasheet
638Kb / 153P
   28-Pin Programmable Mixed Signal Controller
03/01/02
logo
Samtec, Inc
SC1474TSTRT SAMTEC-SC1474TSTRT Datasheet
128Kb / 1P
   Portable Pentium짰 Dual Phase Power Supply Controller
logo
Semtech Corporation
SC1474 SEMTECH-SC1474 Datasheet
121Kb / 1P
   Portable Pentium Dual Phase Power Supply Controller
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677 Datasheet
162Kb / 17P
   Portable System Controller
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
   Portable System Controller
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com