Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI9136LG Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI9136LG
Description  Multi-Output Power-Supply Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9136LG Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI9136LG Datasheet HTML 1Page - Vishay Siliconix SI9136LG Datasheet HTML 2Page - Vishay Siliconix SI9136LG Datasheet HTML 3Page - Vishay Siliconix SI9136LG Datasheet HTML 4Page - Vishay Siliconix SI9136LG Datasheet HTML 5Page - Vishay Siliconix SI9136LG Datasheet HTML 6Page - Vishay Siliconix SI9136LG Datasheet HTML 7Page - Vishay Siliconix SI9136LG Datasheet HTML 8Page - Vishay Siliconix SI9136LG Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Vishay Siliconix
Si9136
Document Number: 70818
S11-0975-Rev. D, 16-May-11
www.vishay.com
1
Not recommended for new designs, please refer to Si9138
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Multi-Output Power-Supply Controller
FEATURES
Up to 95 % Efficiency
3 % Total Regulation (Each Controller)
5.5 V to 30 V Input Voltage Range
3.3 V, 5 V, and 12 V Outputs
200 kHz Low-Noise Fixed Frequency Operation
Precision 3.3 V Reference Output
30 mA Linear Regulator Output
High Efficiency Pulse Skipping Mode Operation at
Light Load
Only Three Inductors Required - No Transformer
LITTLE FOOT® Optimized Output Drivers
Internal Soft-Start
Minimal External Control Components
28-Pin SSOP Package
DESCRIPTION
The Si9136 is a current-mode PWM and PSM converter
controller, with two synchronous buck converters (3.3 V and
5 V) and a flyback (non-isolated buck-boost) converter
(12 V). Designed for portable devices, it offers a total five
power outputs (three tightly regulated dc/dc converter
outputs, a precision 3.3 V reference and a 5 V LDO output).
It requires minimum external components and is capable of
achieving conversion efficiencies approaching 95 %.
The Si9136 is available in a 28-pin SSOP package and
specified to operate over the extended commercial (0 °C to
90 °C) temperature range.
FUNCTIONAL BLOCK DIAGRAM
5 V
Linear
Regulator
3.3 V
Voltage
Reference
3.3 V
SMPS
5 V
SMPS
12 V SMPS
Power-Up Control
VIN
+ 3.3 V
VL
(5.0 V)
Control
Inputs
VREF
(+ 3.3 V)
+ 5 V
+ 12 V


Numéro de pièce similaire - SI9136LG

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9136LG VISHAY-SI9136LG Datasheet
178Kb / 14P
   Multi-Output Power-Supply Controller
Rev. C, 03-Apr-00
More results

Description similaire - SI9136LG

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9136 VISHAY-SI9136 Datasheet
178Kb / 14P
   Multi-Output Power-Supply Controller
Rev. C, 03-Apr-00
SI9136 VISHAY-SI9136_V01 Datasheet
224Kb / 16P
   Multi-Output Power-Supply Controller
01-Jan-2022
SI9135 VISHAY-SI9135_11 Datasheet
271Kb / 16P
   SMBus Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9135 VISHAY-SI9135 Datasheet
453Kb / 14P
   SMBus Multi-Output Power-Supply Controller
Rev. B, 05-Apr-99
logo
Motorola, Inc
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
   MULTI OUTPUT POWER SUPPLY
logo
Vishay Siliconix
SI9139 VISHAY-SI9139 Datasheet
162Kb / 17P
   Multi-Output, Individual On/Off Control Power-Supply Controller
Rev. A, 16-Dec-02
SI9138 VISHAY-SI9138 Datasheet
150Kb / 14P
   Multi-Output, Individual On/Off Control Power-Supply Controller
Rev. B, 13-May-02
logo
Panasonic Semiconductor
AN8072N PANASONIC-AN8072N Datasheet
39Kb / 4P
   Multi Output Power Supply Regulator
logo
Vishay Siliconix
SI9137 VISHAY-SI9137 Datasheet
156Kb / 14P
   Multi-Output, Sequence Selectable Power-Supply Controller for Mobile Applications
Rev. B, 13-May-02
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com