Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI9130CG-T1 Fiches technique(PDF) 9 Page - Vishay Siliconix

No de pièce SI9130CG-T1
Description  Pin-Programmable Dual Controller - Portable PCs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9130CG-T1 Fiches technique(HTML) 9 Page - Vishay Siliconix

Back Button SI9130CG-T1 Datasheet HTML 5Page - Vishay Siliconix SI9130CG-T1 Datasheet HTML 6Page - Vishay Siliconix SI9130CG-T1 Datasheet HTML 7Page - Vishay Siliconix SI9130CG-T1 Datasheet HTML 8Page - Vishay Siliconix SI9130CG-T1 Datasheet HTML 9Page - Vishay Siliconix SI9130CG-T1 Datasheet HTML 10Page - Vishay Siliconix SI9130CG-T1 Datasheet HTML 11Page - Vishay Siliconix SI9130CG-T1 Datasheet HTML 12Page - Vishay Siliconix SI9130CG-T1 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Document Number: 70190
S11-0975-Rev. G, 16-May-11
www.vishay.com
9
Vishay Siliconix
Si9130
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
3.3 V Switching Supply
The 3.3 V supply is regulated by a current-mode PWM
controller
in
conjunction
with
several
externals:
two
N-Channel MOSFETs, a rectifier, an inductor and output
capacitors (see Figure 1). The gate drive supplied by DH3
needs to be greater than VL , so it is provided by the
bootstrap circuit consisting of a 100 nF capacitor and diode
connected to BST3.
A low-side switching MOSFET connected to DL3 increases
efficiency by reducing the voltage across the rectifier diode.
A low value sense resistor in series with the inductor sets the
maximum current limit, to disallow current overloads at
power-on or in short-circuit situations.
The
soft-start
feature
on
the
Si9130
is
capacitor
programmable; pin SS3 functions as a constant current
source to the external capacitor connected to GND. Excess
currents at power-on are avoided, and power-supplies can
be sequenced with different turn-on delay times by selecting
the correct capacitor value.
5 V Switching Supply
The 5 V supply is regulated by a current-mode PWM
controller which is nearly the same as the 3.3 V output. The
dropout voltage across the 5 V supply, as shown in the
schematic in Figure 1, is 400 mV (typ) at 2 A. If the voltage
at V+ falls, nearing 5 V, the 5 V supply will lower as well, until
the VL linear regulator output falls below the 4 V
undervoltage lockout threshold. Below this threshold, the 5 V
controller is shut off.
The frequency of both PWM controllers is set at 300 kHz
when the SYNC pin is tied to REF. Connecting SYNC to
either GND or VL sets the frequency at 200 kHz.
Figure 2. Si9130 Block Diagram
+ 5 V LDO
Linear
Regulator
+ 3.3 V
Reference
ON
300 kHz/200 kHz
Oscillator
ON
3.3 V
PWM
Controller
(See Figure 3)
5 V
PWM
Controller
(See Figure 3)
STANDBY
FB3
CS3
BST3
DH3
LX3
DL3
SS3
ON3
ON5
PGND
FB5
CS5
BST5
DH5
LX5
DL5
SS5
V+
VL
REF
SHDN
SYNC
4.5 V
4 V
2.8 V
ON
ON
3.6ADJ
3.45ADJ


Numéro de pièce similaire - SI9130CG-T1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9130CG-T1 VISHAY-SI9130CG-T1 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
More results

Description similaire - SI9130CG-T1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9130 VISHAY-SI9130 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
logo
Microchip Technology
PIC14000 MICROCHIP-PIC14000 Datasheet
774Kb / 153P
   28-Pin Programmable Mixed Signal Controller
1996 - 2002
PIC14000-04 MICROCHIP-PIC14000-04 Datasheet
638Kb / 153P
   28-Pin Programmable Mixed Signal Controller
03/01/02
logo
Samtec, Inc
SC1474TSTRT SAMTEC-SC1474TSTRT Datasheet
128Kb / 1P
   Portable Pentium짰 Dual Phase Power Supply Controller
logo
Semtech Corporation
SC1474 SEMTECH-SC1474 Datasheet
121Kb / 1P
   Portable Pentium Dual Phase Power Supply Controller
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677 Datasheet
162Kb / 17P
   Portable System Controller
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
   Portable System Controller
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com