Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI8902EDB Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce SI8902EDB
Description  Bi-Directional N-Channel 20-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8902EDB Fiches technique(HTML) 5 Page - Vishay Siliconix

  SI8902EDB Datasheet HTML 1Page - Vishay Siliconix SI8902EDB Datasheet HTML 2Page - Vishay Siliconix SI8902EDB Datasheet HTML 3Page - Vishay Siliconix SI8902EDB Datasheet HTML 4Page - Vishay Siliconix SI8902EDB Datasheet HTML 5Page - Vishay Siliconix SI8902EDB Datasheet HTML 6Page - Vishay Siliconix SI8902EDB Datasheet HTML 7Page - Vishay Siliconix SI8902EDB Datasheet HTML 8Page - Vishay Siliconix SI8902EDB Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 71862
S-83049-Rev. I, 22-Dec-08
www.vishay.com
5
Vishay Siliconix
Si8902EDB
PACKAGE OUTLINE
MICRO FOOT: 6 BUMP (2 x 3, 0.8 mm PITCH)
Notes (Unless Otherwise Specified):
1. 6 solder bumps are 95.5/3.8/0.7 Sn/Ag/Cu.
2. Backside surface is coated with a Ag/Ni/Ti layer.
3. Non-solder mask defined copper landing pad.
4. Laser marks on the silicon die back.
Notes:
a. Use millimeters as the primary measurement.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?71862.
Recommended Land
Mark on Backside of Die
e
e
6 x 0.30
0.31
Note 3
Solder Mask - 0.4
8902E
XXX
D
E
s
e
e
s
Bump Note 1
A
A2
A1
e
Note 2
b Diameter
e
Dim.
Millimetersa
Inches
Min.
Max.
Min.
Max.
A
0.600
0.650
0.0236
0.0256
A1
0.260
0.290
0.102
0.114
A2
0.33
0.360
0.0134
0.0142
b
0.370
0.410
0.0146
0.0161
D
1.520
1.600
0.0598
0.0630
E
2.320
2.400
0.0913
0.0945
e
0.750
0.850
0.0295
0.0335
s
0.380
0.400
0.0150
0.0157


Numéro de pièce similaire - SI8902EDB

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI8902EDB VISHAY-SI8902EDB Datasheet
58Kb / 5P
   Bi-Directional N-Channel 20-V (D-S) MOSFET
Rev. C, 05-Aug-02
SI8902EDB VISHAY-SI8902EDB Datasheet
193Kb / 4P
   Bi-Directional N-Channel 20-V (D-S) MOSFET
Rev. B, 23-Jan-06
SI8902EDB VISHAY-SI8902EDB Datasheet
249Kb / 10P
   Bi-Directional N-Channel 20 V (D-S) MOSFET
08-Feb-17
SI8902EDB VISHAY-SI8902EDB_06 Datasheet
193Kb / 4P
   Bi-Directional N-Channel 20-V (D-S) MOSFET
Rev. B, 23-Jan-06
SI8902EDB VISHAY-SI8902EDB_V01 Datasheet
249Kb / 10P
   Bi-Directional N-Channel 20 V (D-S) MOSFET
08-Feb-17
More results

Description similaire - SI8902EDB

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI8902EDB VISHAY-SI8902EDB_V01 Datasheet
249Kb / 10P
   Bi-Directional N-Channel 20 V (D-S) MOSFET
08-Feb-17
SI8900EDB VISHAY-SI8900EDB Datasheet
56Kb / 5P
   Bi-Directional N-Channel 20-V (D-S) MOSFET
Rev. D, 26-Aug-02
SI8902EDB VISHAY-SI8902EDB_06 Datasheet
193Kb / 4P
   Bi-Directional N-Channel 20-V (D-S) MOSFET
Rev. B, 23-Jan-06
SI8902EDB VISHAY-SI8902EDB Datasheet
58Kb / 5P
   Bi-Directional N-Channel 20-V (D-S) MOSFET
Rev. C, 05-Aug-02
SIF902EDZ VISHAY-SIF902EDZ Datasheet
106Kb / 6P
   Bi-Directional N-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI8901EDB VISHAY-SI8901EDB_06 Datasheet
190Kb / 4P
   Bi-Directional P-Channel 20-V (D-S) MOSFET
Rev. B, 23-Jan-06
SI8901EDB VISHAY-SI8901EDB Datasheet
220Kb / 3P
   Bi-Directional P-Channel 20-V (D-S) MOSFET
19-Apr-04
SI8901EDB VISHAY-SI8901EDB_V01 Datasheet
101Kb / 6P
   Bi-Directional P-Channel 20-V (D-S) MOSFET
01-Jan-2022
SI8904EDB VISHAY-SI8904EDB_V01 Datasheet
103Kb / 6P
   Bi-Directional N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SIF912EDZ VISHAY-SIF912EDZ Datasheet
65Kb / 5P
   Bi-Directional N-Channel 30-V (D-S) MOSFET
Rev. B, 24-Jan-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com