Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI7308DN Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI7308DN
Description  N-Channel 60-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7308DN Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI7308DN Datasheet HTML 1Page - Vishay Siliconix SI7308DN Datasheet HTML 2Page - Vishay Siliconix SI7308DN Datasheet HTML 3Page - Vishay Siliconix SI7308DN Datasheet HTML 4Page - Vishay Siliconix SI7308DN Datasheet HTML 5Page - Vishay Siliconix SI7308DN Datasheet HTML 6Page - Vishay Siliconix SI7308DN Datasheet HTML 7Page - Vishay Siliconix SI7308DN Datasheet HTML 8Page - Vishay Siliconix SI7308DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 73419
S-83051-Rev. B, 29-Dec-08
Vishay Siliconix
Si7308DN
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
60
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
55
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 6
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
13
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = 20 V
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
µA
VDS = 60 V, VGS = 0 V, TJ = 85 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 5.4 A
0.046
0.058
Ω
VGS = 4.5 V, ID = 4.8 A
0.059
0.072
Forward Transconductancea
gfs
VDS = 15 V, ID = 5.4 A
15
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
665
pF
Output Capacitance
Coss
75
Reverse Transfer Capacitance
Crss
40
Total Gate Charge
Qg
VDS = 30 V, VGS = 10 V, ID = 5.4 A
13
20
nC
VDS = 30 V, VGS = 4.5 V, ID = 5.4 A
69
Gate-Source Charge
Qgs
2.3
Gate-Drain Charge
Qgd
2.6
Gate Resistance
Rg
f = 1 MHz
2
Ω
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 7 Ω
ID ≅ 4.3 A, VGEN = 4.5 V, Rg = 1 Ω
15
25
ns
Rise Time
tr
65
100
Turn-Off Delay Time
td(off)
15
25
Fall Time
tf
10
15
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 7 Ω
ID ≅ 4.3 A, VGEN = 10 V, Rg = 1 Ω
10
15
Rise Time
tr
15
25
Turn-Off Delay Time
td(off)
20
30
Fall Time
tf
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
6
A
Pulse Diode Forward Current
ISM
20
Body Diode Voltage
VSD
IS = 1.7 A, VGS = 0 V
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 4.3 A, dI/dt = 100 A/µs, TJ = 25 °C
30
60
ns
Body Diode Reverse Recovery Charge
Qrr
32
50
nC
Reverse Recovery Fall Time
ta
25
ns
Reverse Recovery Rise Time
tb
5


Numéro de pièce similaire - SI7308DN

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Telefunken
SI7308DN TFUNK-SI7308DN Datasheet
532Kb / 13P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7308DN VISHAY-SI7308DN Datasheet
538Kb / 13P
   N-Channel 60-V (D-S) MOSFET
01-Jan-2022
SI7308DN VISHAY-SI7308DN_V01 Datasheet
538Kb / 13P
   N-Channel 60-V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI7308DN

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com