Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAW78M Fiches technique(PDF) 1 Page - Siemens Semiconductor Group

No de pièce BAW78M
Description  Silicon Switching Diode (Switching applications High breakdown voltage)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAW78M Fiches technique(HTML) 1 Page - Siemens Semiconductor Group

  BAW78M Datasheet HTML 1Page - Siemens Semiconductor Group BAW78M Datasheet HTML 2Page - Siemens Semiconductor Group BAW78M Datasheet HTML 3Page - Siemens Semiconductor Group BAW78M Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAW 78M
Semiconductor Group
Jul-27-1998
1
Silicon Switching Diode
Preliminary data
• Switching applications
• High breakdown voltage
VPW05980
1
2
3
5
4
Type
Marking
Ordering Code
Pin Configuration
Package
BAW 78M
GDs
Q62702-A3471
1 = A
2 = C 3 n.c.
SCT-595
4 n.c. 5 = C
Maximum Ratings
Parameter
Symbol
Values
Unit
Diode reverse voltage
VR
400
V
Peak reverse voltage
VRM
400
Forward current
IF
1
A
Peak forward current
IFM
1
Surge forward current, t = 1
µs
IFS
10
Total power dissipation,
TS ≤ 110 °C
Ptot
1
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
- 65 ...+150
Thermal Resistance
Junction - ambient
1)
RthJA
≤ 95
K/W
Junction - soldering point
RthJS
≤ 40
1) Package mounted on epoxy pcb 40mm x 40mm x 1.5mm / 6cm2 Cu
Semiconductor Group
1
1998-11-01


Numéro de pièce similaire - BAW78M

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BAW78M INFINEON-BAW78M Datasheet
42Kb / 4P
   Silicon Switching Diode
Aug-21-2001
More results

Description similaire - BAW78M

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BAW78A-BAW78D SIEMENS-BAW78A-BAW78D Datasheet
86Kb / 3P
   Silicon Switching Diodes (Switching applications High breakdown voltage)
logo
Toshiba Semiconductor
1SS403 TOSHIBA-1SS403 Datasheet
125Kb / 3P
   DIODE (HIGH VOLTAGE SWITCHING APPLICATIONS)
logo
Siemens Semiconductor G...
BCX12 SIEMENS-BCX12 Datasheet
141Kb / 4P
   NPN Silicon AF Switching Transistor (For general AF applications High breakdown voltage)
BCX13 SIEMENS-BCX13 Datasheet
141Kb / 4P
   PNP Silicon AF Switching Transistor (For general AF applications High breakdown voltage)
BAW78A-BAW79D SIEMENS-BAW78A-BAW79D Datasheet
86Kb / 3P
   Silicon Switching Diodes (For high-speed switching High breakdown voltage Common cathode)
BAS16W SIEMENS-BAS16W Datasheet
67Kb / 4P
   Silicon Switching Diode (For high speed switching applications)
BCX42 SIEMENS-BCX42 Datasheet
139Kb / 4P
   PNP Silicon AF and Switching Transistors (For general AF applications High breakdown voltage)
logo
Panasonic Semiconductor
2SC4026 PANASONIC-2SC4026 Datasheet
59Kb / 3P
   For high breakdown voltage high-speed switching
logo
Central Semiconductor C...
1N3070 CENTRAL-1N3070 Datasheet
58Kb / 1P
   HIGH VOLTAGE SILICON SWITCHING DIODE
CMPD2003S CENTRAL-CMPD2003S_15 Datasheet
590Kb / 2P
   HIGH VOLTAGE SILICON SWITCHING DIODE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com