Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4724CY Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI4724CY
Description  N-Channel Synchronous MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4724CY Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI4724CY_05 Datasheet HTML 1Page - Vishay Siliconix SI4724CY_05 Datasheet HTML 2Page - Vishay Siliconix SI4724CY_05 Datasheet HTML 3Page - Vishay Siliconix SI4724CY_05 Datasheet HTML 4Page - Vishay Siliconix SI4724CY_05 Datasheet HTML 5Page - Vishay Siliconix SI4724CY_05 Datasheet HTML 6Page - Vishay Siliconix SI4724CY_05 Datasheet HTML 7Page - Vishay Siliconix SI4724CY_05 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
SPICE Device Model Si4724CY
N-Channel Synchronous MOSFETs
FUNCTIONAL DESCRIPTION
The SI4724CY is a high-speed driver designed to operate in high
frequency dc-dc switchmode power supplies. It is designed to be
used with any single output PWM IC or ASIC to produce a highly
efficient synchronous rectifier converter.
Under-voltage protection is provided for the Vdd power supply. The
device includes a bootstrap diode, integrated Schottky diode, and fast
switching times.
MODEL DESCRIPTION
The driver circuit was decomposed into elemental blocks, and then
modeled accordingly as per the data sheet and specific topological
IC information provided to AEi Systems by Vishay’s engineers.
IsSpice models for the output MOSFETs, bootstrap PNP diode, and
the Schottky diode were provided and used in the modeling of the
SI4724CY. No efforts were made to improve the models although
they were reviewed and comments are shown below.
Using ICAP/4, a SPICE package from AEi Systems, a model of the
driver was then created using the modules and a corresponding
schematic and netlist was generated.
The model includes the following functionality and features:
Proper transient response including variations with external
components.
Proper connectivity as per the real-life part
Output rise and fall times for varying loads
Under voltage lockout & hysteresis
Switching times (turn off and propagation delays)
Schottky behavior
Bootstrap voltage and diode characteristics
Logic input voltage thresholds
Break-before-make reference
Note: The variation of the Vref and logic input voltage levels with VDD are not modeled.
The model operation is described as follows:
VDD under voltage lockout and threshold is modeled by S2,
V10, and R5.
The VBBM/Vref, Sync, and VIN comparisons are handled by B7,
B1, and BIN, respectively. The logic input threshold value used
was 2.3V. This value is static but could be made a function of
VIN.
The RC combinations, R2/C1, R8/C2 and R7/C1 account for
the majority of the IO propagation delays and the TON/TOFF
delay matching.
The level shifting and the logic functions are modeled by B4 and
B5.
The output FETs have been modeled to provide the appropriate
drive performance along with the proper values of rDSon (values
used: G1 n-Channel 0.7
Ω/n-Channel 1.5 Ω, G2 n-Channel 0.5
Ω/n-Channel 1 Ω)
ASSUMPTIONS
Behavior is based on typical values given in the specification
sheet for operation at 27 ºC.
Some thermal variations are modeled including some FET
related parameters and the propagation delay and are
represented in the subcircuit.
The SPICE syntax used is compatible with Intusoft ICAP/4. A
PSpice version of the subcircuit is also provided.
1
Document Number: 72365
S-50464
Rev. B, 14-Mar-05
www.vishay.com


Numéro de pièce similaire - SI4724CY_05

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4724CY-T1 VISHAY-SI4724CY-T1 Datasheet
161Kb / 11P
   N-Channel Synchronous MOSFETs With Break-Before-Make
Rev. F, 13-Jun-11
SI4724CY-T1-E3 VISHAY-SI4724CY-T1-E3 Datasheet
161Kb / 11P
   N-Channel Synchronous MOSFETs With Break-Before-Make
Rev. F, 13-Jun-11
More results

Description similaire - SI4724CY_05

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4724 VISHAY-SI4724 Datasheet
161Kb / 11P
   N-Channel Synchronous MOSFETs With Break-Before-Make
Rev. F, 13-Jun-11
SI4726CY VISHAY-SI4726CY Datasheet
72Kb / 9P
   N-Channel Synchronous MOSFETs with Break-Before-Make
Rev. C, 03-Feb-03
SI4728CY VISHAY-SI4728CY Datasheet
77Kb / 9P
   N-Channel Synchronous MOSFETs with Break-Before-Make
Rev. C, 03-Feb-03
SI4724 VISHAY-SI4724_V01 Datasheet
176Kb / 11P
   N-Channel Synchronous MOSFETs With Break-Before-Make
02-Oct-12
SI4724CY VISHAY-SI4724CY Datasheet
70Kb / 8P
   N-Channel Synchronous MOSFETs with Break-Before-Make
Rev. D, 19-May-03
logo
Linear Technology
LTC1266-5 LINER-LTC1266-5_15 Datasheet
256Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266 LINER-LTC1266 Datasheet
250Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266-33 LINER-LTC1266-33 Datasheet
361Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266 LINER-LTC1266_15 Datasheet
256Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266-3.3 LINER-LTC1266-3.3_15 Datasheet
256Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com