Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4564DY-T1-GE3 Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce SI4564DY-T1-GE3
Description  N- and P-Channel 40 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4564DY-T1-GE3 Fiches technique(HTML) 4 Page - Vishay Siliconix

  SI4564DY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4564DY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4564DY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4564DY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4564DY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4564DY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4564DY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4564DY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4564DY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
4
Document Number: 65922
S10-0455-Rev. B, 22-Feb-10
Vishay Siliconix
Si4564DY
N-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
8
16
24
32
40
0.0
0.5
1.0
1.5
2.0
2.5
VGS =10Vthru 4V
VGS =3 V
VDS - Drain-to-Source Voltage (V)
VGS =2 V
0.010
0.013
0.016
0.019
0.022
0.025
0
10203040
50
VGS =4.5 V
VGS =10V
ID - Drain Current (A)
0
2
4
6
8
10
0.0
4.4
8.8
13.2
17.6
22.0
ID =10A
VDS =10V
VDS =20V
VDS =30V
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0.0
0.6
1.2
1.8
2.4
3.0
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
240
480
720
960
1200
0
8
16
24
32
40
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
ID =8A
VGS =4.5 V
VGS =10V
TJ - Junction Temperature (°C)


Numéro de pièce similaire - SI4564DY-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Telefunken
SI4564DY TFUNK-SI4564DY Datasheet
303Kb / 15P
   N- and P-Channel 40 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SI4564DY VBSEMI-SI4564DY Datasheet
1Mb / 14P
   N- and P-Channel 40V (D-S) MOSFET
logo
Vishay Siliconix
SI4564DY VISHAY-SI4564DY Datasheet
234Kb / 14P
   N- and P-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI4564DY VISHAY-SI4564DY_V01 Datasheet
234Kb / 14P
   N- and P-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI4564DY-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Telefunken
SI4564DY TFUNK-SI4564DY Datasheet
303Kb / 15P
   N- and P-Channel 40 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
STU310DH VBSEMI-STU310DH Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
VBE5415 VBSEMI-VBE5415 Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
P2003ND5G VBSEMI-P2003ND5G Datasheet
2Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
4533GEH-HF VBSEMI-4533GEH-HF Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
AOD609 VBSEMI-AOD609 Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
logo
Vishay Siliconix
SI4561DY VISHAY-SI4561DY_V01 Datasheet
141Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
01-Jan-2022
73224 VISHAY-73224 Datasheet
87Kb / 8P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. A, 17-Jan-05
SI4563DY VISHAY-SI4563DY Datasheet
135Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. C, 09-Mar-09
SI3529DV VISHAY-SI3529DV Datasheet
151Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. C, 02-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com