Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4559ADY Fiches technique(PDF) 6 Page - Vishay Siliconix

No de pièce SI4559ADY
Description  N- and P-Channel 60-V (D-S) MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4559ADY Fiches technique(HTML) 6 Page - Vishay Siliconix

Back Button SI4559ADY Datasheet HTML 2Page - Vishay Siliconix SI4559ADY Datasheet HTML 3Page - Vishay Siliconix SI4559ADY Datasheet HTML 4Page - Vishay Siliconix SI4559ADY Datasheet HTML 5Page - Vishay Siliconix SI4559ADY Datasheet HTML 6Page - Vishay Siliconix SI4559ADY Datasheet HTML 7Page - Vishay Siliconix SI4559ADY Datasheet HTML 8Page - Vishay Siliconix SI4559ADY Datasheet HTML 9Page - Vishay Siliconix SI4559ADY Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.vishay.com
6
Document Number: 73624
S09-0393-Rev. B, 09-Mar-09
Vishay Siliconix
Si4559ADY
N-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
1
2
3
4
5
6
25
50
75
100
125
150
TC - Case Temperature (°C)
Power Derating
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Single Pulse Avalanche Capability
1
100
10
TA - Time In Avalanche (s)
0.001
0.0001
0.00001
0.000001
T
A =
L . I
D
BV - V
DD


Numéro de pièce similaire - SI4559ADY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4559ADY VISHAY-SI4559ADY Datasheet
137Kb / 12P
   N- and P-Channel 60-V (D-S) MOSFET
Rev. A, 02-Jan-06
logo
Vishay Telefunken
SI4559ADY TFUNK-SI4559ADY Datasheet
276Kb / 15P
   N- and P-Channel 60-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SI4559ADY DOINGTER-SI4559ADY Datasheet
3Mb / 7P
   N-Chanel and P-Channel MOSFET useadvanced trench Technology
logo
Vishay Siliconix
SI4559ADY VISHAY-SI4559ADY Datasheet
253Kb / 14P
   N- and P-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI4559ADY-T1-E3 VBSEMI-SI4559ADY-T1-E3 Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results

Description similaire - SI4559ADY

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
IRF7343TRPBF VBSEMI-IRF7343TRPBF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
UTM4052L-S08-R VBSEMI-UTM4052L-S08-R Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
P3304QV VBSEMI-P3304QV Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
ZXMC6A09DN8TA VBSEMI-ZXMC6A09DN8TA Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
SSG4543C VBSEMI-SSG4543C Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8455 VBSEMI-STM8455 Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8458 VBSEMI-STM8458 Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8450A VBSEMI-STM8450A Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
AP4575GM VBSEMI-AP4575GM Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
4563GM VBSEMI-4563GM Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com