Moteur de recherche de fiches techniques de composants électroniques |
|
SI4559ADY Fiches technique(PDF) 4 Page - Vishay Siliconix |
|
SI4559ADY Fiches technique(HTML) 4 Page - Vishay Siliconix |
4 / 15 page www.vishay.com 4 Document Number: 73624 S09-0393-Rev. B, 09-Mar-09 Vishay Siliconix Si4559ADY N-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted Output Characteristics On-Resistance vs. Drain Current and Gate Voltage Gate Charge 0 2 4 6 8 10 12 14 16 18 20 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 VGS = 10 thru 4 V 3 V VDS - Drain-to-Source Voltage (V) 0.040 0.045 0.050 0.055 0.060 0.065 0.070 0.075 0.080 0 2 4 6 8 10 12 14 16 18 20 VGS = 10 V ID - Drain Current (A) VGS = 4.5 V 0 2 4 6 8 10 0 3 6 9 12 15 VDS = 30 V ID = 4.3 A Qg - Total Gate Charge (nC) Transfer Characteristics Capacitance On-Resistance vs. Junction Temperature - 55 °C 0 1 2 3 4 5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 25 °C TC = 125 °C VGS - Gate-to-Source Voltage (V) Crss 0 200 400 600 800 1000 0 102030 405060 Coss Ciss VDS - Drain-to-Source Voltage (V) 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 - 50 - 25 0 25 50 75 100 125 150 VGS = 10 V ID = 4.3 A TJ - Junction Temperature (°C) |
Numéro de pièce similaire - SI4559ADY_09 |
|
Description similaire - SI4559ADY_09 |