Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4463CDY Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce SI4463CDY
Description  P-Channel 2.5 V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4463CDY Fiches technique(HTML) 3 Page - Vishay Siliconix

  SI4463CDY Datasheet HTML 1Page - Vishay Siliconix SI4463CDY Datasheet HTML 2Page - Vishay Siliconix SI4463CDY Datasheet HTML 3Page - Vishay Siliconix SI4463CDY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 67600
www.vishay.com
S11-0402-Rev. A, 14-Mar-11
3
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPICE Device Model Si4463CDY
Vishay Siliconix
COMPARISON OF MODEL WITH MEASURED DATA (TJ = 25 °C, unless otherwise noted)
Note
Dots and squares represent measured data.
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
VSD - Source-to-Drain Voltage (V)
0
12
24
36
48
60
0.0
0.5
1.0
1.5
2.0
2.5
VGS = 10 V, 6 V, 5 V, 4 V, 3 V
VGS = 2 V
0
2
4
6
8
10
0.0
0.6
1.2
1.8
2.4
3.0
TJ = 125 °C
TJ = - 55 °C
TJ = 25 °C
0.000
0.004
0.008
0.012
0.016
0.020
010
20
30
40
50
VGS = 4.5 V
VGS = 10 V
0
1400
2800
4200
5600
7000
048
12
16
20
Ciss
Coss
Crss
0
2
4
6
8
10
0
23
46
69
92
115
ID = 10 A
VDS = 10 V
VDS = 15 V
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
TJ = 150 °C
TJ = 25 °C


Numéro de pièce similaire - SI4463CDY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
Si4463CDY VISHAY-Si4463CDY Datasheet
173Kb / 9P
   P-Channel 2.5 V (G-S) MOSFET
Rev. A, 14-Feb-11
logo
VBsemi Electronics Co.,...
SI4463CDY-T1-GE3 VBSEMI-SI4463CDY-T1-GE3 Datasheet
991Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4463CDY-T1-GE3 VISHAY-SI4463CDY-T1-GE3 Datasheet
218Kb / 9P
   P-Channel 2.5 V (G-S) MOSFET
01-Jan-2022
SI4463CDY VISHAY-SI4463CDY_17 Datasheet
173Kb / 9P
   P-Channel 2.5 V (G-S) MOSFET
Rev. A, 14-Feb-11
SI4463CDY VISHAY-SI4463CDY_V01 Datasheet
218Kb / 9P
   P-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI4463CDY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2301ADS VISHAY-SI2301ADS Datasheet
39Kb / 4P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Apr-02
SI4493DY VISHAY-SI4493DY Datasheet
44Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Jul-03
SI6433BDQ-T1-GE3 VISHAY-SI6433BDQ-T1-GE3 Datasheet
209Kb / 11P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
logo
Guangdong Kexin Industr...
KI1303EDL KEXIN-KI1303EDL Datasheet
60Kb / 2P
   P-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3443BDV VISHAY-SI3443BDV Datasheet
210Kb / 10P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 20-Apr-09
SI2301BDS VISHAY-SI2301BDS_V01 Datasheet
180Kb / 8P
   P-Channel 2.5 V (G-S) MOSFET
01-Jan-2022
SI3443DV-T1 VISHAY-SI3443DV-T1 Datasheet
64Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Sep-97
SI2301BDS-T1-GE3 VISHAY-SI2301BDS-T1-GE3 Datasheet
213Kb / 9P
   P-Channel 2.5 V (G-S) MOSFET
Rev. F, 17-Oct-11
SI3441DV-T1 VISHAY-SI3441DV-T1 Datasheet
52Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. G, 01-Apr-02
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI1403BDL VISHAY-SI1403BDL Datasheet
130Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
S-71951-Rev. B, 10-Sep-07
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com