Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4418DY Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI4418DY
Description  N-Channel 200-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4418DY Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI4418DY_05 Datasheet HTML 1Page - Vishay Siliconix SI4418DY_05 Datasheet HTML 2Page - Vishay Siliconix SI4418DY_05 Datasheet HTML 3Page - Vishay Siliconix SI4418DY_05 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vishay Siliconix
SPICE Device Model Si4418DY
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.9
V
On-State Drain Current
a
ID(on)
VDS ≥ 5 V, VGS = 10 V
42
A
VGS = 10 V, ID = 3 A
0.111
0.110
Drain-Source On-State Resistance
a
rDS(on)
VGS = 6 V, ID = 2.8 A
0.125
0.120
Forward Transconductance
a
gfs
VDS = 15 V, ID = 3 A
11
13
S
Forward Voltage
a
VSD
IS = 2.1 A, VGS = 0 V
0.83
0.80
V
Dynamic
b
Total Gate Charge
Qg
21
20
Gate-Source Charge
Qgs
4.5
4.5
Gate-Drain Charge
Qgd
VDS = 100 V, VGS = 10 V, ID = 3 A
6.5
6.5
nC
Turn-On Delay Time
td(on)
9
15
Rise Time
tr
16
15
Turn-Off Delay Time
td(off)
22
40
Fall Time
tf
VDD = 100 V, RL = 100 Ω
ID ≅ 1 A, VGEN = 10 V, RG = 6 Ω
19
20
ns
Notes
a.
Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
2
www.vishay.com
Document Number: 72576
S-51095
Rev. B, 13-Jun-05


Numéro de pièce similaire - SI4418DY_05

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4418DY-E3 VISHAY-SI4418DY-E3 Datasheet
69Kb / 5P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 24-Nov-03
SI4418DY-T1-E3 VISHAY-SI4418DY-T1-E3 Datasheet
69Kb / 5P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 24-Nov-03
More results

Description similaire - SI4418DY_05

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SISS98DN VISHAY-SISS98DN Datasheet
345Kb / 9P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N20-40P ANALOGPOWER-AM90N20-40P Datasheet
313Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM90N20-78B ANALOGPOWER-AM90N20-78B Datasheet
361Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SIR690DP VISHAY-SIR690DP Datasheet
371Kb / 13P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 04-Jul-16
logo
Analog Power
AMR402N ANALOGPOWER-AMR402N Datasheet
417Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM30N20-78D ANALOGPOWER-AM30N20-78D Datasheet
332Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI4418DY VISHAY-SI4418DY Datasheet
69Kb / 5P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 24-Nov-03
logo
Analog Power
AM7202N ANALOGPOWER-AM7202N Datasheet
366Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SUM36N20-54P VISHAY-SUM36N20-54P Datasheet
125Kb / 6P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 14-Apr-08
logo
VBsemi Electronics Co.,...
VBMB1203M VBSEMI-VBMB1203M Datasheet
1Mb / 8P
   N-Channel 200 V (D-S) MOSFET
IRF630MFP VBSEMI-IRF630MFP Datasheet
3Mb / 8P
   N-Channel 200 V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com