Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


BAT68W Datasheet(Fiches technique) 1 Page - Siemens Semiconductor Group

Numéro de pièce BAT68W
Description  Silicon Schottky Diodes (For mixer applications in the VHF/UHF range For high speed switching)
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo 

   
 1 page
background image
Semiconductor Group
1
Dec-20-1996
BAT 68W
Preliminary data
Silicon Schottky Diodes
• For mixer applications in the VHF/UHF range
• For high speed switching
BAT 68-04W
BAT68-05W
BAT68-06W
Type
Marking Ordering Code
Pin Configuration
Package
BAT 68-04W
84s
Q62702-
1 = A1
2 = K2
3 = K1/A2 SOT-323
BAT 68-05W
85s
Q62702-
1 = A1
2 = A2
3 = K1/K2 SOT-323
BAT 68-06W
86s
Q62702-
1 = K1
2 = K2
3 = A1/A2 SOT-323
BAT 68W
83s
Q62702-
1 = A
n.c.
3 = K
SOT-323
Maximum Ratings
Parameter
Symbol
Values
Unit
Diode reverse voltage
VR
8
V
Forward current
IF
130
mA
Total power dissipation, BAT68W
TS=97°C
Ptot
150
mW
Total power dissipation, BAW68-04...06W
TS=92°C Ptot
150
Junction temperature
Tj
150
°C
Operating temperature range
Top
- 65 ... + 150
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction - ambient, BAT68W
RthJA
≤ 435
K/W
Junction - ambient, BAT68-04W...06W
RthJA
≤ 550
Junctui - soldering point, BAT68W
RthJS
≤ 355
Junction - soldering point, BAT68-04W...06W
RthJS
390




Html Pages

1  2  3  4 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BAT68-03WSilicon Schottky Diode For mixer applications in the VHF/UHF range For high speed switching 1 2 3 4 5 Siemens Semiconductor Group
BAT68-07WSilicon Schottky Diodes For mixer applications in the VHF / UHF range For high-speed switching applications 1 2 3 4 5 Siemens Semiconductor Group
BAT17WSilicon Schottky Diodes For mixer applications in the VHF / UHF range For high-speed switching applications 1 2 3 Siemens Semiconductor Group
BAT17-Silicon Schottky Diode For mixer applications in the VHF/UHF range For high-speed switching 1 2 3 4 Siemens Semiconductor Group
BAT17-07Silicon Schottky Diode For mixer applications in the VHF/UHF range For high-speed switching 1 2 3 4 Siemens Semiconductor Group
MA2SD30Schottky Barrier Diodes Silicon epitaxial planar type For super high speed switching 1 2 3 Panasonic Semiconductor
HSB276AYPSILICON SCHOTTKY BARRIER DIODE FOR HIGH SPEED SWITCHING 1 2 3 4 5 Hitachi Semiconductor
BAT14-4Silicon Schottky Diodes Medium barrier diodes for detector and mixer applications Hermetical ceramic package 1 2 3 Siemens Semiconductor Group
BAT14HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1 2 3 4 5 MoreSiemens Semiconductor Group
1SS108Silicon Schottky Barrier Diode for Various Detector High Speed Switching 1 2 3 4 5 Hitachi Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl