Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3477DV Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI3477DV
Description  P-Channel 12 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3477DV Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI3477DV Datasheet HTML 1Page - Vishay Siliconix SI3477DV Datasheet HTML 2Page - Vishay Siliconix SI3477DV Datasheet HTML 3Page - Vishay Siliconix SI3477DV Datasheet HTML 4Page - Vishay Siliconix SI3477DV Datasheet HTML 5Page - Vishay Siliconix SI3477DV Datasheet HTML 6Page - Vishay Siliconix SI3477DV Datasheet HTML 7Page - Vishay Siliconix SI3477DV Datasheet HTML 8Page - Vishay Siliconix SI3477DV Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
2
Document Number: 70865
S10-1536-Rev. A, 19-Jul-10
Vishay Siliconix
Si3477DV
New Product
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 12
V
VDS Temperature Coefficient
V
DS/TJ
ID = - 250 µA
- 4.1
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
2.5
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = - 250 µA
- 0.4
- 1.0
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 10 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 12 V, VGS = 0 V
- 1
µA
VDS = - 12 V, VGS = 0 V, TJ = 85 °C
- 10
On-State Drain Currenta
ID(on)
VDS - 5 V, VGS = - 4.5 V
- 20
A
Drain-Source On-State Resistancea
RDS(on)
VGS - 4.5 V, ID = - 9 A
0.014
0.0175
VGS - 2.5 V, ID = - 7.9 A
0.019
0.023
VGS - 1.8 V, ID = - 2.2 A
0.026
0.033
Forward Transconductancea
gfs
VDS = - 6 V, ID = - 9 A
30
S
Dynamicb
Input Capacitance
Ciss
VDS = - 6 V, VGS = 0 V, f = 1 MHz
2600
pF
Output Capacitance
Coss
620
Reverse Transfer Capacitance
Crss
625
Total Gate Charge
Qg
VDS = - 6 V, VGS = - 10 V, ID = - 9 A
58
90
nC
VDS = - 6 V, VGS = - 4.5 V, ID = - 9 A
28.3
45
Gate-Source Charge
Qgs
4.2
Gate-Drain Charge
Qgd
7.8
Gate Resistance
Rg
f = 1 MHz
0.9
4.5
9.0
Turn-On Delay Time
td(on)
VDD = - 6 V, RL = 0.83 
ID  - 7.2 A, VGEN = - 4.5 V, Rg = 1 
25
40
ns
Rise Time
tr
30
45
Turn-Off Delay Time
td(off)
65
100
Fall Time
tf
35
55
Turn-On Delay Time
td(on)
VDD = - 6 V, RL = 0.83 
ID  - 7.2 A, VGEN = - 10 V, Rg = 1 
10
15
Rise Time
tr
10
15
Turn-Off Delay Time
td(off)
65
100
Fall Time
tf
30
45
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 3.5
A
Pulse Diode Forward Currenta
ISM
- 40
Body Diode Voltage
VSD
IS = - 7.2 A
- 0.8
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 7.2 A, dI/dt = 100 A/µs, TJ = 25 °C
50
75
ns
Body Diode Reverse Recovery Charge
Qrr
30
45
nC
Reverse Recovery Fall Time
ta
21
ns
Reverse Recovery Rise Time
tb
29


Numéro de pièce similaire - SI3477DV

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
SI3477DV-T1-GE3 VBSEMI-SI3477DV-T1-GE3 Datasheet
1,000Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI3477DV-T1-GE3 VISHAY-SI3477DV-T1-GE3 Datasheet
257Kb / 11P
   P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI3477DV VISHAY-SI3477DV_V01 Datasheet
257Kb / 11P
   P-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI3477DV

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com