Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1539CDL Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI1539CDL
Description  N- and P-Channel 30 V (D-S) MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1539CDL Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI1539CDL Datasheet HTML 1Page - Vishay Siliconix SI1539CDL Datasheet HTML 2Page - Vishay Siliconix SI1539CDL Datasheet HTML 3Page - Vishay Siliconix SI1539CDL Datasheet HTML 4Page - Vishay Siliconix SI1539CDL Datasheet HTML 5Page - Vishay Siliconix SI1539CDL Datasheet HTML 6Page - Vishay Siliconix SI1539CDL Datasheet HTML 7Page - Vishay Siliconix SI1539CDL Datasheet HTML 8Page - Vishay Siliconix SI1539CDL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Vishay Siliconix
Si1539CDL
Document Number: 67469
S11-0238-Rev. A, 14-Feb-11
www.vishay.com
1
N- and P-Channel 30 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg Tested
APPLICATIONS
DC/DC Converter
Load Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
a
Qg (Typ.)
N-Channel
30
0.388 at VGS = 10 V
0.7
0.55
0.525 at VGS = 4.5 V
0.6
P-Channel
- 30
0.890 at VGS = - 10 V
- 0.5
0.8
1.7 at VGS = - 4.5 V
- 0.3
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
S1
G1
D2
D1
G2
S2
Marking Code
RG
XX
Lot Traceability
and Date Code
Part #
Code
Ordering Information: Si1539CDL-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
D1
G1
S1
S2
G2
D2
P-Channel MOSFET
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under steady state conditions is 486 °C/W (N-Channel) and 486 °C/W (P-Channel).
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
30
- 30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
0.7
- 0.5
A
TC = 70 °C
0.6
- 0.4
TA = 25 °C
0.7b, c
- 0.4b, c
TA = 70 °C
0.5b, c
- 0.4b, c
Source-Drain Current Diode Current
TC = 25 °C
IS
0.3
- 0.3
TA = 25 °C
0.2b, c
- 0.2b, c
Pulsed Drain Current
IDM
2- 1
Maximum Power Dissipation
TC = 25 °C
PD
0.34
0.34
W
TC = 70 °C
0.22
0.22
TA = 25 °C
0.29b, c
0.29b, c
TA = 70 °C
0.18b, c
0.18b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N-Channel
P-Channel
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambientb, d
t
 10 s
RthJA
365
438
365
438
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
308
370
308
370


Numéro de pièce similaire - SI1539CDL

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Telefunken
SI1539CDL TFUNK-SI1539CDL Datasheet
243Kb / 16P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI1539CDL VISHAY-SI1539CDL Datasheet
280Kb / 16P
   N- and P-Channel 30 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI1539CDL-T1-GE3 VBSEMI-SI1539CDL-T1-GE3 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1539CDL-T1-GE3 VISHAY-SI1539CDL-T1-GE3 Datasheet
280Kb / 16P
   N- and P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI1539CDL VISHAY-SI1539CDL_V01 Datasheet
280Kb / 16P
   N- and P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI1539CDL

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
SI5504BDC VISHAY-SI5504BDC_10 Datasheet
152Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com