Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT165 Fiches technique(PDF) 1 Page - Siemens Semiconductor Group

No de pièce BAT165
Description  Silicon Schottky Diode (Low-power Schottky rectifier diode Miniature plastic package for surface mounting SMD)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT165 Fiches technique(HTML) 1 Page - Siemens Semiconductor Group

  BAT165 Datasheet HTML 1Page - Siemens Semiconductor Group BAT165 Datasheet HTML 2Page - Siemens Semiconductor Group BAT165 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAT 165
Semiconductor Group
Sep-04-1998
1
Silicon Schottky Diode
Preliminary data
• Low-power Schottky rectifier diode
• Miniature plastic package for surface
mounting (SMD)
VPS05176
1
2
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking
Ordering Code
Pin Configuration
Package
BAT 165
White/C
Q62702-A1190
1 = C
2 = A
SOD-323
Maximum Ratings
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
40
V
Forward current
IF
750
mA
Average forward current (50/60Hz, sinus)
IFAV
500
Surge forward current (t
< 100µs)
IFSM
2.5
A
Total power dissipation,
TS = 66 °C
Ptot
600
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
- 65 ...+150
Maximum Ratings
Junction - ambient
1)
RthJA
≤ 275
K/W
Junction - soldering point
RthJS
≤ 140
1) Package mounted on epoxy pcb 40mm x 40mm x 1.5mm / 0.5cm 2 Cu
Semiconductor Group
1
1998-11-01


Numéro de pièce similaire - BAT165

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BAT165 INFINEON-BAT165 Datasheet
392Kb / 4P
   Silicon Schottky Diode
Nov-07-2002
BAT165 INFINEON-BAT165 Datasheet
69Kb / 6P
   Medium Power AF Schottky Diode
2007-04-19
BAT165 INFINEON-BAT165 Datasheet
2Mb / 20P
   Single-channel isolated gate driver IC with adjustable DESAT and soft-off
v1.0 2020-05-27
BAT165 INFINEON-BAT165 Datasheet
9Mb / 27P
   EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
logo
Nexperia B.V. All right...
BAT165A NEXPERIA-BAT165A Datasheet
683Kb / 13P
   40 V, 0.75 A medium power Schottky barrier rectifier
More results

Description similaire - BAT165

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BAT65 SIEMENS-BAT65 Datasheet
149Kb / 4P
   Silicon Schottky Diode (Low-power Schottky rectifier diode)
BAT66-05 SIEMENS-BAT66-05 Datasheet
66Kb / 3P
   Silicon Schottky Diode (Low-power Schottky rectifier diode)
logo
Galaxy Semi-Conductor H...
1SS357 BILIN-1SS357_18 Datasheet
204Kb / 3P
   Surface mounting schottky Diode
1SS357 BILIN-1SS357 Datasheet
148Kb / 2P
   Surface mounting schottky Diode
logo
SHIKUES Electronics
1SS357 SKTECHNOLGY-1SS357 Datasheet
322Kb / 2P
   Surface mounting schottky Diode
logo
Shenzhen Luguang Electr...
1SS357 LUGUANG-1SS357 Datasheet
272Kb / 1P
   Surface Mounting Schottky Diode
logo
Diode Semiconductor Kor...
1SS357 DSK-1SS357 Datasheet
210Kb / 2P
   Surface mounting schottky Diode
logo
Galaxy Semi-Conductor H...
1SS357 BILIN-1SS357_13 Datasheet
162Kb / 3P
   Surface mounting schottky Diode
logo
Shanghai Leiditech Elec...
RB520S8-30 LEIDITECH-RB520S8-30 Datasheet
269Kb / 2P
   Plastic Package Schottky Barrier Diode
logo
Nihon Inter Electronics...
EA30QS06-F NIEC-EA30QS06-F Datasheet
57Kb / 6P
   Surface Mounting, Schottky Barrier Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com