Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


BAT15-099 Datasheet(Fiches technique) 2 Page - Siemens Semiconductor Group

Numéro de pièce BAT15-099
Description  Silicon Dual Schottky Diode (DBS mixer application to 12 GHz Low noise figure Low barrier type)
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo 

   
 2 page
background image
BAT 15-099
Semiconductor Group
2
Electrical Characteristics per Diode
at TA = 25 ˚C, unless otherwise specified.
Parameter
Symbol
min.
typ.
Unit
Values
max.
Forward voltage
IF = 1 mA
IF = 10 mA
VF
0.23
0.32
Forward resistance
IF = 10 mA/50 mA
RF
5.5
Diode capacitance
VR = 0, f = 1 MHz
CT
pF
0.35
Breakdown voltage
IR = 5
µA
V(BR)
V
4––
Forward voltage matching
IF = 10 mA
∆VF
mV
––20




Html Pages

1  2  3  4 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BAT14-099Silicon Dual Schottky Diode DBS mixer application to 12 GHz Low noise figure Medium barrier type 1 2 3 4 Siemens Semiconductor Group
BAT15-04Silicon Dual Schottky Diode DBS mixer applications to 12 GHz Low noise figure Low barrier type 1 2 3 Siemens Semiconductor Group
BAT14-098Silicon Schottky Diode DBS mixer application to 12 GHz Low noise figure Medium barrier type 1 2 3 4 Siemens Semiconductor Group
BAT15-098Silicon Schottky Diode DBS mixer application to 10 GHz Low noise figure Low barrier type 1 2 3 4 Siemens Semiconductor Group
BAT15-03WSilicon Schottky Diode DBS mixer applications to 12 GHz Low noise figure Low barrier type 1 2 3 4 Siemens Semiconductor Group
BAT14-03WSilicon Schottky Diode DBS mixer application to 12GHz Medium barrier type Low capacitance 1 2 3 4 Siemens Semiconductor Group
BAT63Silicon Schottky Diode Low barrier diode for mixer and detectors up to GHz frequencies 1 2 3 Siemens Semiconductor Group
BAT62Silicon Schottky Diode Low barrier diode for detectors up to GHz frequencies. 1 2 3 Siemens Semiconductor Group
10FWJ2C48MSCHOTTKY BARRIER RECTIFIER STACK LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION 1 2 3 Toshiba Semiconductor
BAT15-4Silicon Schottky Diodes Low barrier diodes For mixer applications Hermetically sealed ceramic packages For frequencies up to 40 GHz 1 2 Siemens Semiconductor Group

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl