Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT14-074 Fiches technique(PDF) 2 Page - Siemens Semiconductor Group

No de pièce BAT14-074
Description  Silicon Schottky Diodes (Medium barrier diodes for detector and mixer applications Hermetical ceramic package)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT14-074 Fiches technique(HTML) 2 Page - Siemens Semiconductor Group

  BAT14-074 Datasheet HTML 1Page - Siemens Semiconductor Group BAT14-074 Datasheet HTML 2Page - Siemens Semiconductor Group BAT14-074 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAT 14- … 4
BAT 14- ... 4
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Unit
Values
Parameter
Symbol
min.
typ.
max.
V
Breakdown voltage IR = 10
µA
V(BR)
3––
Forward voltage
IF = 1 mA
BAT 14-014/-034
BAT 14-044/-064
BAT 14-074/-094
BAT 14-104/-114
BAT 14-124
IF = 10 mA
BAT 14-014/-034
BAT 14-044/-064
BAT 14-074/-094
BAT 14-104/-114
BAT 14-124
VF
0.42
0.43
0.44
0.46
0.47
0.5
0.53
0.55
0.58
0.63
pF
Diode capacitance
f = 1 M Hz, VR = 0
BAT 14-014/-034
BAT 14-044/-064
BAT 14-074/-094
BAT 14-104/-114
BAT 14-124
CT
0.25
0.2
0.17
0.13
0.1
0.35
0.25
0.2
0.15
0.12
dB
Noise figure (single sideband)
IF amplifier noise
FIF = 1.5 dB, PLO = 3 dBm, fIF = 10.7 MHZ
f = 3 GHz
BAT 14-014
BAT 14-034
f = 6 GHz
BAT 14-044
BAT 14-064
f = 9.3 GHz
BAT 14-074
BAT 14-094
f = 16 GHz
BAT 14-104
BAT 14-114
BAT 14-124
FSSB
5.5
6.5
5.5
6.5
5.5
6.5
6.0
7.0
9.0
Differential forward resistance
IF = 10/50 mA
BAT 14-014
BAT 14-034
BAT 14-044
BAT 14-064
BAT 14-074
BAT 14-094
BAT 14-104
BAT 14-114
BAT 14-124
rf
3
4
3.5
4.5
4.5
5.5
5.5
7
8
Case capacitance
CC
0.1


Numéro de pièce similaire - BAT14-074

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BAT14-074 SIEMENS-BAT14-074 Datasheet
125Kb / 7P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
More results

Description similaire - BAT14-074

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BAT15 SIEMENS-BAT15 Datasheet
134Kb / 8P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAT14 SIEMENS-BAT14 Datasheet
125Kb / 7P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
logo
Skyworks Solutions Inc.
SMS7621 SKYWORKS-SMS7621 Datasheet
74Kb / 5P
   Surface Mount Mixer and Detector Schottky Diodes
SMS1546 SKYWORKS-SMS1546 Datasheet
143Kb / 5P
   Surface Mount Mixer and Detector Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1338 MA-COM-MA4E1338 Datasheet
126Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MA-COM-MA4E1340_16 Datasheet
691Kb / 6P
   Silicon Medium Barrier Schottky Diodes
logo
Tyco Electronics
MA4E1338 MACOM-MA4E1338 Datasheet
123Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MACOM-MA4E1340 Datasheet
142Kb / 7P
   Silicon Medium Barrier Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E1339_V9 MA-COM-MA4E1339_V9 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com